Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4051-2ARMZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADA4051-2ARMZ-R7
Description  1.8 V, Micropower, Zero-Drift, Rail-to-Rail Input/Output Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4051-2ARMZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADA4051-2ARMZ-R7 Datasheet HTML 5Page - Analog Devices ADA4051-2ARMZ-R7 Datasheet HTML 6Page - Analog Devices ADA4051-2ARMZ-R7 Datasheet HTML 7Page - Analog Devices ADA4051-2ARMZ-R7 Datasheet HTML 8Page - Analog Devices ADA4051-2ARMZ-R7 Datasheet HTML 9Page - Analog Devices ADA4051-2ARMZ-R7 Datasheet HTML 10Page - Analog Devices ADA4051-2ARMZ-R7 Datasheet HTML 11Page - Analog Devices ADA4051-2ARMZ-R7 Datasheet HTML 12Page - Analog Devices ADA4051-2ARMZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADA4051-1/ADA4051-2
Rev. B | Page 9 of 20
TA = 25°C, unless otherwise noted.
0
5
10
15
20
25
30
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
SUPPLY VOLTAGE (V)
VCM = VSY/2
ADA4051-2
ADA4051-1
0
5
10
15
20
25
30
–40 –25 –10
5
20
35
50
65
80
95
110 125
TEMPERATURE (°C)
VCM = VSY/2
ADA4051-2, 1.8V
ADA4051-2, 5V
ADA4051-1, 1.8V
ADA4051-1, 5V
Figure 23. Total Supply Current vs. Supply Voltage
Figure 26. Total Supply Current vs. Temperature
–135
–90
–45
0
45
90
135
180
–60
–40
–20
0
20
40
60
80
–135
–90
–45
0
45
90
135
180
–60
–40
–20
0
20
40
60
80
100
1k
10k
100k
1M
FREQUENCY (Hz)
100
1k
10k
100k
1M
FREQUENCY (Hz)
VSY = 1.8V
CL= 100pF
PHASE
GAIN
Figure 24. Open-Loop Gain and Phase vs. Frequency
VSY = 5V
CL= 100pF
PHASE
GAIN
Figure 27. Open-Loop Gain and Phase vs. Frequency
–50
100
1k
10k
100k
1M
FREQUENCY (Hz)
–40
–30
–20
–10
0
10
20
30
40
50
VSY = 1.8V
RL = 10kΩ
CL = 50pF
G = 1
–50
–40
–30
–20
–10
0
10
20
30
40
50
100
1k
10k
100k
1M
G = 10
G = 100
Figure 25. Closed-Loop Gain vs. Frequency
VSY = 5V
RL = 10kΩ
CL = 50pF
G = 1
G = 10
G = 100
FREQUENCY (Hz)
Figure 28. Closed-Loop Gain vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com