Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4051-2ARMZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADA4051-2ARMZ-R7
Description  1.8 V, Micropower, Zero-Drift, Rail-to-Rail Input/Output Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4051-2ARMZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADA4051-2ARMZ-R7 Datasheet HTML 10Page - Analog Devices ADA4051-2ARMZ-R7 Datasheet HTML 11Page - Analog Devices ADA4051-2ARMZ-R7 Datasheet HTML 12Page - Analog Devices ADA4051-2ARMZ-R7 Datasheet HTML 13Page - Analog Devices ADA4051-2ARMZ-R7 Datasheet HTML 14Page - Analog Devices ADA4051-2ARMZ-R7 Datasheet HTML 15Page - Analog Devices ADA4051-2ARMZ-R7 Datasheet HTML 16Page - Analog Devices ADA4051-2ARMZ-R7 Datasheet HTML 17Page - Analog Devices ADA4051-2ARMZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
ADA4051-1/ADA4051-2
Rev. B | Page 14 of
–150
20
TA = 25°C, unless otherwise noted.
–
–140
–130
–120
–110
–100
20
200
2k
20k
FREQUENCY (Hz)
VSY = 1.8V
G = –100
VIN = 0.5V
VIN = 1V
VIN = 1.7V
RL= 10kΩ
CL= 50pF
100kΩ
1kΩ
Figure 53. Channel Separation vs. Frequency
0
100
1k
10k
100k
FREQUENCY (Hz)
0.3
0.6
0.9
1.2
1.5
1.8
VSY = 1.8V
VIN = 1.7V
G = 1
RL= 10kΩ
C = 50pF
L
Figure 54. Output Swing vs. Frequency
TIME (200µs/DIV)
VIN
VOUT
VSY = ±0.9V
G = 1
RL= NO LOAD
CL = NO LOAD
Figure 55. No Phase Reversal
FREQUENCY (Hz)
–150
–140
–130
–120
–110
100
VIN = 1V
VIN = 3V
VIN = 4.99V
100kΩ
1kΩ
VSY = 5V
G = –100
RL= 10kΩ
CL = 50pF
20
200
2k
20k
Figure 56. Channel Separation vs. Frequency
0
1
2
3
4
5
6
100
1k
10k
100k
FREQUENCY (Hz)
VSY = 5V
VIN = 4.9V
G = 1
RL= 10kΩ
CL = 50pF
Figure 57. Output Swing vs. Frequency
TIME (200µs/DIV)
VSY = ±2.5V
G = 1
RL= NO LOAD
CL = NO LOAD
VOUT
VIN
Figure 58. No Phase Reversal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com