Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4051-2ARMZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADA4051-2ARMZ-R7
Description  1.8 V, Micropower, Zero-Drift, Rail-to-Rail Input/Output Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4051-2ARMZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADA4051-2ARMZ-R7 Datasheet HTML 6Page - Analog Devices ADA4051-2ARMZ-R7 Datasheet HTML 7Page - Analog Devices ADA4051-2ARMZ-R7 Datasheet HTML 8Page - Analog Devices ADA4051-2ARMZ-R7 Datasheet HTML 9Page - Analog Devices ADA4051-2ARMZ-R7 Datasheet HTML 10Page - Analog Devices ADA4051-2ARMZ-R7 Datasheet HTML 11Page - Analog Devices ADA4051-2ARMZ-R7 Datasheet HTML 12Page - Analog Devices ADA4051-2ARMZ-R7 Datasheet HTML 13Page - Analog Devices ADA4051-2ARMZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADA4051-1/ADA4051-2
Rev. B | Page 10 of 20
TA = 25°C, unless otherwise noted.
0.1
1k
10k
100k
1M
FREQUENCY (Hz)
1
10
100
1k
10k
G = −1
G = −10
G = −100
VSY = 1.8V
0.1
1
10
100
1k
10k
1k
10k
100k
1M
FREQUENCY (Hz)
G = −1
G = −10
G = −100
VSY = 5V
Figure 29. Output Impedance vs. Frequency
Figure 32. Output Impedance vs. Frequency
40
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
50
60
70
80
90
100
110
VSY = 1.8V
40
50
60
70
80
90
100
110
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
VSY = 5V
Figure 30. CMRR vs. Frequency
Figure 33. CMRR vs. Frequency
0
100
1k
10k
100k
1M
FREQUENCY (Hz)
20
40
60
80
100
120
PSRR+
PSRR–
VSY = 1.8V
Figure 31. PSRR vs. Frequency
0
20
40
60
80
100
120
100
1k
10k
100k
1M
FREQUENCY (Hz)
PSRR+
PSRR–
VSY = 5V
Figure 34. PSRR vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com