Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4051-2ARMZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADA4051-2ARMZ-R7
Description  1.8 V, Micropower, Zero-Drift, Rail-to-Rail Input/Output Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4051-2ARMZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADA4051-2ARMZ-R7 Datasheet HTML 7Page - Analog Devices ADA4051-2ARMZ-R7 Datasheet HTML 8Page - Analog Devices ADA4051-2ARMZ-R7 Datasheet HTML 9Page - Analog Devices ADA4051-2ARMZ-R7 Datasheet HTML 10Page - Analog Devices ADA4051-2ARMZ-R7 Datasheet HTML 11Page - Analog Devices ADA4051-2ARMZ-R7 Datasheet HTML 12Page - Analog Devices ADA4051-2ARMZ-R7 Datasheet HTML 13Page - Analog Devices ADA4051-2ARMZ-R7 Datasheet HTML 14Page - Analog Devices ADA4051-2ARMZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ADA4051-1/ADA4051-2
Rev. B | Page 11 of 20
TA = 25°C, unless otherwise noted.
0
10
20
30
40
50
60
10
100
LOAD CAPACITANCE (pF)
0
10
20
30
40
50
60
10
100
LOAD CAPACITANCE (pF)
−OVERSHOOT
+OVERSHOOT
VSY = ±0.9V
VIN = 50mV p-p
RL = 10kΩ
CL= 50pF
VSY = ±2.5V
VIN = 50mV p-p
RL = 10kΩ
CL= 50pF
+OVERSHOOT
−OVERSHOOT
Figure 35. Small-Signal Overshoot vs. Load Capacitance
VSY = 1.8V
RL = 10kΩ
CL = 100pF
G = 1
VIN = 1.5V p-p
Figure 38. Small-Signal Overshoot vs. Load Capacitance
VSY = 5V
RL = 10kΩ
CL = 100pF
G = 1
VIN = 4V p-p
TIME (100µs/DIV)
TIME (100µs/DIV)
Figure 36. Large-Signal Transient Response
VSY = 1.8V
RL = 10kΩ
CL = 100pF
G = 1
VIN = 50mV p-p
Figure 39. Large-Signal Transient Response
VSY = 5V
RL = 10kΩ
CL = 100pF
G = 1
VIN = 50mV p-p
TIME (100µs/DIV)
Figure 37. Small-Signal Transient Response
TIME (100µs/DIV)
Figure 40. Small-Signal Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com