Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE72010RGCT Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE72010RGCT
Description  Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE72010RGCT Datasheet(HTML) 29 Page - Texas Instruments

Back Button CDCE72010RGCT Datasheet HTML 25Page - Texas Instruments CDCE72010RGCT Datasheet HTML 26Page - Texas Instruments CDCE72010RGCT Datasheet HTML 27Page - Texas Instruments CDCE72010RGCT Datasheet HTML 28Page - Texas Instruments CDCE72010RGCT Datasheet HTML 29Page - Texas Instruments CDCE72010RGCT Datasheet HTML 30Page - Texas Instruments CDCE72010RGCT Datasheet HTML 31Page - Texas Instruments CDCE72010RGCT Datasheet HTML 32Page - Texas Instruments CDCE72010RGCT Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 73 page
background image
CDCE72010
www.ti.com.............................................................................................................................................................. SCAS858A – JUNE 2008 – REVISED JULY 2009
Register 8: SPI Mode
SPI
RAM
POWER UP
BIT NAME
RELATED BLOCK
DESCRIPTION/FUNCTION
BIT
BIT
CONDITION
0
A0
Address 0
0
1
A1
Address 1
0
2
A2
Address 2
0
3
A3
Address 3
1
4
0
VCXOBUFSELX
VCXO and AUX Input Buffer Type Select (LVPECL,LVDS or LVCMOS)
XY(10) LVPECL, (11) LVDS, (00) LVCMOS- Input is Positive Pin
5
1
VCXOBUFSELY
VCXO and AUX
6
2
VCXOACDCSEL
If Set to 0 AC Termination, If set to 1 DC Termination
EEPROM
Input Buffers
7
3
VCXOHYSTEN
If Set to 1 Input Buffers Hysteresis enabled
8
4
VCXOTERMSEL
If Set to 0 Input Buffer Internal Termination enabled
9
5
VCXOINVBB
VCXO Input Buffer
If Set to 1 It Biases VCXO Input negative pin with internal VCXOVBB Voltage
EEPROM
10
6
PH8ADJC0
11
7
PH8ADJC1
12
8
PH8ADJC2
13
9
PH8ADJC3
Output 8 and 9
Coarse phase adjust select for Output Divider 8
EEPROM
14
10
PH8ADJC4
15
11
PH8ADJC5
16
12
PH8ADJC6
17
13
OUT8DIVRSEL0
18
14
OUT8DIVRSEL1
19
15
OUT8DIVRSEL2
Output Divider 8 ratio select
20
16
OUT8DIVRSEL3
Output 8 and 9
EEPROM
(seeTable 7)
21
17
OUT8DIVRSEL4
22
18
OUT8DIVRSEL5
23
19
OUT8DIVRSEL6
When set to 0, the divider is disabled
24
20
EN89DIV
Output 8 and 9
EEPROM
When set to 1, the divider is enabled
25
21
PECL8HISWING
Output 8
High Output Voltage Swing in LVPECL Mode if set to 1
EEPROM
26
22
CMOSMODE8PX
LVCMOS mode select for OUTPUT 8 Positive Pin.
Output 8
EEPROM
(X,Y) = 00: Active, 10: Inverting, 11: Low, 01: 3-State
27
23
CMOSMODE8PY
28
24
CMOSMODE8NX
LVCMOS mode select for OUTPUT 8 Negative Pin.
Output 8
EEPROM
(X,Y) = 00: Active, 10: Inverting, 11: Low, 01: 3-State
29
25
CMOSMODE8NY
RAM BITS
OUTPUT TYPE
30
26
OUTBUFSEL8X
Output 8
22
23
24
25
26
27
EEPROM
LVPECL
0
0
0
0
0
1
LVDS
0
1
0
1
1
1
31
27
OUTBUFSEL8Y
Output 8
LVCMOS
See Settings Above(1)
0
0
EEPROM
All Outputs Disabled
0
1
0
1
1
0
(1)
Use description for bits 22, 23, 24, and 25 for setting the LVCMOS outputs
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Link(s): CDCE72010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com