Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE72010RGCT Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE72010RGCT
Description  Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE72010RGCT Datasheet(HTML) 19 Page - Texas Instruments

Back Button CDCE72010RGCT Datasheet HTML 15Page - Texas Instruments CDCE72010RGCT Datasheet HTML 16Page - Texas Instruments CDCE72010RGCT Datasheet HTML 17Page - Texas Instruments CDCE72010RGCT Datasheet HTML 18Page - Texas Instruments CDCE72010RGCT Datasheet HTML 19Page - Texas Instruments CDCE72010RGCT Datasheet HTML 20Page - Texas Instruments CDCE72010RGCT Datasheet HTML 21Page - Texas Instruments CDCE72010RGCT Datasheet HTML 22Page - Texas Instruments CDCE72010RGCT Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 73 page
background image
CDCE72010
www.ti.com.............................................................................................................................................................. SCAS858A – JUNE 2008 – REVISED JULY 2009
Table 4. Register Map
REGISTER
COMMENTS
WRITE PAYLOAD ( DATA)
ADDRESS
WRITE COMMAND ON MOSI
31,30,29,28….…………..…………………………………….………4,3,2,1,0
Register0
Configuration
RAM/EEPROM
XXXX XXXX XXXX XXXX XXXX XXXX XXXX
0000
Register1
Configuration
RAM/EEPROM
XXXX XXXX XXXX XXXX XXXX XXXX XXXX
0001
Register2
Configuration
RAM/EEPROM
XXXX XXXX XXXX XXXX XXXX XXXX XXXX
0010
Register3
Configuration
RAM/EEPROM
XXXX XXXX XXXX XXXX XXXX XXXX XXXX
0011
Register4
Configuration
RAM/EEPROM
XXXX XXXX XXXX XXXX XXXX XXXX XXXX
0100
Register5
Configuration
RAM/EEPROM
XXXX XXXX XXXX XXXX XXXX XXXX XXXX
0101
Register6
Configuration
RAM/EEPROM
XXXX XXXX XXXX XXXX XXXX XXXX XXXX
0110
Register7
Configuration
RAM/EEPROM
XXXX XXXX XXXX XXXX XXXX XXXX XXXX
0111
Register8
Configuration
RAM/EEPROM
XXXX XXXX XXXX XXXX XXXX XXXX XXXX
1000
Register9
Configuration
RAM/EEPROM
XXXX XXXX XXXX XXXX XXXX XXXX XXXX
1001
Register10
Configuration
RAM/EEPROM
XXXX XXXX XXXX XXXX XXXX XXXX XXXX
1010
Register11
Configuration
RAM/EEPROM
XXXX XXXX XXXX XXXX XXXX XXXX XXXX
1011
Register12
Status/Control
RAM Only
XXXX XXXX XXXX XXXX XXXX XXXX XXXX
1100
Register13
Reserved
XXXX XXXX XXXX XXXX XXXX XXXX XXXX
1101
Read command (address on 4 LSBs of
Instruction
XXXX XXXX XXXX XXXX XXXX XXXX AAAA
1110
payload)
Instruction
Write configuration to EEPROM - UNLOCKED XXXX XXXX XXXX XXXX XXXX XXXX 0001
1111
Instruction
Write configuration to EEPROM – LOCKED
XXXX XXXX XXXX XXXX 1010 XXXX 0011
1111
READ COMMAND ON MISO
DATA PAYLOAD IN READ COMMAND
Payload after issuing a read command on
DDDD DDDD DDDD DDDD DDDD DDDD DDDD
XXXX(1)
MOSI
(1)
During a SPI READ instruction the address field of the payload should be ignored since it does not represent the address of the read
register.
The SPI serial protocol accepts Word Write operation only. The 12 words include the register settings of the
programmable functions of the device that can be modified to the customer application by changing one or more
bits.
At powerup or if the Power Down (PD) control signal is applied, the EEPROM loads its content into the registers.
When issuing an EEPROM programming (LOCKED or UNLOCKED) instruction, a wait period of 50ms has to be
inserted before another instruction is written to the device or power is removed.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): CDCE72010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com