Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE72010RGCT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE72010RGCT
Description  Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE72010RGCT Datasheet(HTML) 4 Page - Texas Instruments

  CDCE72010RGCT Datasheet HTML 1Page - Texas Instruments CDCE72010RGCT Datasheet HTML 2Page - Texas Instruments CDCE72010RGCT Datasheet HTML 3Page - Texas Instruments CDCE72010RGCT Datasheet HTML 4Page - Texas Instruments CDCE72010RGCT Datasheet HTML 5Page - Texas Instruments CDCE72010RGCT Datasheet HTML 6Page - Texas Instruments CDCE72010RGCT Datasheet HTML 7Page - Texas Instruments CDCE72010RGCT Datasheet HTML 8Page - Texas Instruments CDCE72010RGCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 73 page
background image
CDCE72010
SCAS858A – JUNE 2008 – REVISED JULY 2009.............................................................................................................................................................. www.ti.com
TERMINAL FUNCTIONS (continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
This pin is used in CD mode only. If set to “1” or left unconnected, it disables output 9 and
enables the AUXILIARY input to drive all outputs from output0 to output8 depending on the
AUX_SEL
18
I
EEPROM configuration. If driven low in CD mode, it enables output 9 and makes all outputs
driven by the VCXO Input depending on the internal EEPROM configuration.
If Auto Reference Select mode is OFF, this pin acts as an External Input Reference Select
Pin;
The REF_SEL signal selects one of two input clocks:
REF_SEL [1]: PRI_REF is selected;
REF_SEL
47
I
REF_SEL [0]: SEC_REF is selected;
The input has an internal 150-k
Ω pull­up resistor and if left unconnected it will default to
logic level “1”.
If Auto Reference Select mode in ON, this pin not used.
This pin is active low and can be activated externally or by the corresponding bit in the SPI
register (in case of logic high, the SPI setting is valid).
POWER_DOWN
17
I
This pin switches the device into powerdown mode
The input has an internal 150-k
Ω pull­up resistor and if left unconnected it will default to
logic level “1”.
This LVCMOS input can be programmed (SPI) to act as HOLD or RESET. RESET is the
default function. This pin is active low and can be activated external or via the
corresponding bit in the SPI register.
In the case of RESET, the CP (Charge Pump) is switched to 3-state and all counters are
reset to zero. The LVPECL outputs are static low (N) and high (P) respectively, and the
RESET or HOLD
33
I
LVCMOS outputs are all low or high if inverted. In the case of HOLD, the CP (Charge
Pump) is switched into 3-state mode only. After HOLD is released and with the next valid
reference clock cycle, the charge pump is switched back into normal operation (CP stays in
3-state as long as no reference clock is valid). During HOLD, all outputs are at normal
operation. This mode allows external control of “frequency hold-over” mode. The input has
an internal 150-k
Ω pull­up resistor.
VCXO IN+
53
I
VCXO input (+) for LVPECL+, LVDS+, and LVCMOS level inputs.
Complementary VCXO input for LVPECL-, LVDS- inputs. In the case of a LVCMOS level
VCXO IN–
52
I
input on VCXO IN+, ground this pin.
Universal input buffer (LVPECL, LVDS, LVCMOS) positive input for the Primary Reference
PRI REF+
59
I
Clock.
Universal input buffer (LVPECL, LVDS) negative input for the Primary Reference Clock. In
PRI REF–
58
I
the case of LVCMOS signaling, ground this pin.
Universal input buffer (LVPECL, LVDS, LVCMOS) positive input for the Secondary
SEC REF+
62
I
Reference Clock.
Universal input buffer (LVPECL, LVDS,) negative input for the Secondary Reference Clock.
SEC REF–
61
I
In the case of LVCMOS signaling, ground this pin.
Analog Test Point for TI internal testing. Connect a 1k
Ω pull-down resistor or leave
TESTOUTA
1
A
unconnected.
LVCMOS output for TI internal testing. Leave unconnected unless it is configured as the
STATUS
55
AO/O
IREF_CP pin. In this case it should be connected to a 12-k
Ω resistor to GND.
CP_OUT
3
AO
Charge pump output
VBB
56
AO
Internal voltage bias analog output
LVCMOS output for PLL_LOCK information. This pin is set high if the PLL is in lock. This
output can be programmed to be a digital lock detect or analog lock detect (see description
of Analog Lock). The PLL is locked (set high), if the rising edge of either the PRI_REF or
SEC_REF clock and the VCXO_IN clock at the PFD (Phase Frequency Detector) are inside
PLL_LOCK
50
AI/O
the lock detect window for a predefined number of successive clock cycles.
The PLL is out-of-lock (set low), if the rising edge of either the PRI_REF or SEC_REF clock
and the VCXO_IN clock at the PFD are outside the lock detect window.
The lock detect window and the number of successive clock cycles are user definable (via
the SPI interface).
4
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): CDCE72010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com