Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE72010RGCT Datasheet(PDF) 59 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE72010RGCT
Description  Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE72010RGCT Datasheet(HTML) 59 Page - Texas Instruments

Back Button CDCE72010RGCT Datasheet HTML 55Page - Texas Instruments CDCE72010RGCT Datasheet HTML 56Page - Texas Instruments CDCE72010RGCT Datasheet HTML 57Page - Texas Instruments CDCE72010RGCT Datasheet HTML 58Page - Texas Instruments CDCE72010RGCT Datasheet HTML 59Page - Texas Instruments CDCE72010RGCT Datasheet HTML 60Page - Texas Instruments CDCE72010RGCT Datasheet HTML 61Page - Texas Instruments CDCE72010RGCT Datasheet HTML 62Page - Texas Instruments CDCE72010RGCT Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 73 page
background image
OUTPUT DIVIDERS AND PHASE ADJUST
DDDDD
StartDivider
(OUT#DIVSEL#)
(PH#ADJC#)
OutputDivider
CoarsePhase AdjustSelect
Phase AdjustPeriod
CDCE72010
www.ti.com.............................................................................................................................................................. SCAS858A – JUNE 2008 – REVISED JULY 2009
The CDCE72010 is designed with individual Output Dividers for Outputs 1 to 8. Output Divider 1 drives Output 1
and Output 0 and Output Divider 8 drives Output 8 and Output 9. Each output divider has a bypass function or it
is referred to as divide by “one”. Since divide by one bypasses the divider block it can address higher operating
frequencies.
The output divider is designed to address divide by 1, 2, 3, 4, 5, 6, 8, 10, 12, 16, 18, 20, 24, 28, 30, 32, 36, 40,
42, 48, 50, 56, 60, 64, 70 and 80.The output divider includes a coarse phase adjust that shifts the divided clock
signal. The phase adjust resolution is a function of the divide function. The maximum number of phase steps
equals to the divider setting.
If the output is divide by 2, then two phase adjustment settings (0 and 180 degrees) are available. The resolution
of phase adjustment is related to the output divider setting by the following: Phase adjust resolution = (1/Output
Divider settings) X 360 Degrees.
Example: For a 491.52MHz VCXO where one of the outputs of the device is set to divide by 16 for a 30.72MHz
desired output, this will mean that the 30.72MHz clock will have (1/16) X 360 = 22.5 Degrees of phase
adjustment resolution.
Output Divide Select (OUT#DIVSEL#) and Coarse Phase Adjust Select (PH#ADJC#) registers are located in
Register 1 thought 8 for Output 1 thought 8 respectively.
The Phase difference between 2 divider settings on different output can be calculated using the following formula
and referring to the Phase Lag number in the Output Divider Table ( see Table 7).
Integer Remainder of [(Phase Lag X - Phase Lag Y)/ Divide X ] as an example if we need to calculate the phase
difference between divide by 4 and divide by 8 with respect to divide by 4 clock.
The Integer Remainder [(28.5 - 0.5)/4] = 0. This means there is 0 Cycle phase delay between Divide by 4 and
Divide by 8 with respect to Divide by 4 Clock.
If we need to do the same calculation with respect to Divide by 8 we will have Intger Remainder [(28.5 – 0.5)/8] =
0.5 that means that there is 0.5 Cycles between Divide by 4 and divide by 8 with respect to a divide by 8 clock.
Figure 25. Maximum Output Frequency With Phase Alighment
For a complete listing of the coarse phase adjust settings, refer to the "CDCE72010 Coarse Phase Adjust"
document.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
59
Product Folder Link(s): CDCE72010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com