Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE72010RGCT Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE72010RGCT
Description  Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE72010RGCT Datasheet(HTML) 32 Page - Texas Instruments

Back Button CDCE72010RGCT Datasheet HTML 28Page - Texas Instruments CDCE72010RGCT Datasheet HTML 29Page - Texas Instruments CDCE72010RGCT Datasheet HTML 30Page - Texas Instruments CDCE72010RGCT Datasheet HTML 31Page - Texas Instruments CDCE72010RGCT Datasheet HTML 32Page - Texas Instruments CDCE72010RGCT Datasheet HTML 33Page - Texas Instruments CDCE72010RGCT Datasheet HTML 34Page - Texas Instruments CDCE72010RGCT Datasheet HTML 35Page - Texas Instruments CDCE72010RGCT Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 73 page
background image
CDCE72010
SCAS858A – JUNE 2008 – REVISED JULY 2009.............................................................................................................................................................. www.ti.com
Register 11: SPI Mode
SPI
RAM
RELATED
POWER UP
BIT NAME
DESCRIPTION/FUNCTION
BIT
BIT
BLOCK
CONDITION
0
A0
Address 0
1
1
A1
Address 1
1
2
A2
Address 2
0
3
A3
Address 3
1
4
0
PRI_DIV2
Input Buffers
If set to 1 enables Primary Reference Divide by 2
EEPROM
5
1
SEC_DIV2
Input Buffers
If set to 1 enables Secondary Reference Divide by 2
EEPROM
FB Path Integer
When set to 0, FB divider is active
6
2
FB_DIS
EEPROM
Counter 32
When set to 1, FB divider is disabled
FB Path Integer
When set to 0, FB clock is CMOS type(1)
7
3
FB_CML_SEL
EEPROM
Counter 32
When set to 1, FB clock is CML type and uses CML2CMOS converter in PLL
FB-Divider/
When set to 0, Input clock for FB not inverted (normal mode, low speed)
8
4
FB_INCLK_INV
Deterministic
EEPROM
When set to 1, Input clock for FB inverted (higher speed mode)
Blocks
9
5
FB_COUNT32_0
Feedback Counter Bit0
10
6
FB_COUNT32_1
Feedback Counter Bit1
11
7
FB_COUNT32_2
Feedback Counter Bit2
FB Path Integer
12
8
FB_COUNT32_3
Feedback Counter Bit3
EEPROM
Counter 32
13
9
FB_COUNT32_4
Feedback Counter Bit4
14
10
FB_COUNT32_5
Feedback Counter Bit5
15
11
FB_COUNT32_6
Feedback Counter Bit6
16
12
FB_PHASE0
Feedback Phase Adjust Bit0
17
13
FB_PHASE1
Feedback Phase Adjust Bit1
18
14
FB_PHASE2
Feedback Phase Adjust Bit2
FB Path Integer
19
15
FB_PHASE3
Feedback Phase Adjust Bit3
EEPROM
Counter 32
20
16
FB_PHASE4
Feedback Phase Adjust Bit4
21
17
FB_PHASE5
Feedback Phase Adjust Bit5
22
18
FB_PHASE6
Feedback Phase Adjust Bit6
If set to 0, PLL is in normal mode
23
19
PD_PLL
PLL
EEPROM
If set to 1, PLL is powered down
When set to 0, the VCXO Clock is selected for the Clock Tree and FB-Div and
Clock Tree and
FB_MUX_SEL
Det
24
20
Deterministic
EEPROM
See Table 6
When set to 1, the AUX Clock is selected for the Clock Tree and FB-Div and
Block
Det
OUT_MUX_SEL
25
21
Clock Tree
If Set to 0 it selects the VCXO Clock and if Set to 1 it selects the AUX Clock
EEPROM
See Table 6
Feed Back Path Selects FB/VCXO-Path when set to 0 (TI Test-GTME)
26
22
FB_SEL
Diagnostics
EEPROM
The Secondary Reference clock input is selected when set to 1 (TI Test-GTME)
27
23
NRESHAPE1
Reshapes the Reference Clock Signal 0, Disable Reshape 1
EEPROM
Reference
If set to 0 it enables short delay for fast operation
Selection Control
28
24
SEL_DEL1
EEPROM
If Set to 1 Long Delay recommended for Input References below 150Mhz
29
25
RESET_HOLD
Reset Circuitry
If set to 1 the RESET or HOLD pin acts as HOLD, set to 0 it acts as RESET
EEPROM
Read only. If EPLOCK reads a 0, the EEPROM is unlocked. If EPLOCK reads a
30
26
EPLOCK
Status
EEPROM
1, then the EEPROM is locked.
31
27
EPSTATUS
Status
EEPROM Status
EEPROM
(1)
When Feedback Divider clock is set to CMOS type, only feedback divider values greater than 5 are available.
Table 6. Output Buffers Source Feed, PLL Source Feed, and AUX IN/OUTPUT 9 Selection
FB_MUX_SEL
OUT_MUX_SEL
PLL FEED AND OUTPUTS FEED
AUX INPUT OR OUTPUT 9
0
0
VCXO::PLL, VCXO::Y0…Y9 and Deterministic Block
OUTPUT 9 is enabled
1
0
AUXIN::PLL, VCXO::Y0…Y8 and Deterministic Block
AUX IN is enabled
0
1
VCXO::PLL, AUXIN::Y0…Y8 and Deterministic Block
AUX IN is enabled
1
1
AUXIN::PLL, AUXIN::Y0…Y8 and Deterministic Block
AUX IN is enabled
32
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): CDCE72010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com