Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDIP1 Datasheet(PDF) 2 Page - Future Technology Devices International Ltd.

Part # VDIP1
Description  Vinculum VNC1L Module
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

VDIP1 Datasheet(HTML) 2 Page - Future Technology Devices International Ltd.

  VDIP1_10 Datasheet HTML 1Page - Future Technology Devices International Ltd. VDIP1_10 Datasheet HTML 2Page - Future Technology Devices International Ltd. VDIP1_10 Datasheet HTML 3Page - Future Technology Devices International Ltd. VDIP1_10 Datasheet HTML 4Page - Future Technology Devices International Ltd. VDIP1_10 Datasheet HTML 5Page - Future Technology Devices International Ltd. VDIP1_10 Datasheet HTML 6Page - Future Technology Devices International Ltd. VDIP1_10 Datasheet HTML 7Page - Future Technology Devices International Ltd. VDIP1_10 Datasheet HTML 8Page - Future Technology Devices International Ltd. VDIP1_10 Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
`
Copyright © 2010 Future Technology Devices International Limited
1
Document Reference No.: FT_000016
VDIP1 Vinculum VNC1L Module Datasheet Version 1.01
Clearance No.: FTDI# 131
1 Introduction
The VDIP1 module is an MCU to embedded USB host controller development module for the VNC1L IC
device. The VDIP1 is supplied on a PCB designed to fit into a 24 pin DIP socket, and provides access to
the UART, parallel FIFO, and SPI interface pins on the VNC1L device, via its AD and AC bus pins. Not only
is it ideal for developing and rapid prototyping of VNC1L designs, but also an attractive quantity discount
structure makes this module suitable for incorporation into low and medium volume finished product
designs.
Figure 1.1- VDIP1
The Vinculum VNC1L is the first of FTDI’s Vinculum family of Embedded USB host controller integrated
circuit devices. Not only is it able to handle the USB Host Interface, and data transfer functions but owing
to the inbuilt MCU and embedded Flash memory, Vinculum can encapsulate the USB device classes as
well. When interfacing to mass storage devices such as USB Flash drives, Vinculum also transparently
handles the FAT File structure communicating via UART, SPI or parallel FIFO interfaces via a simple to
implement command set. Vinculum provides a new cost effective solution for providing USB Host
capability into products that previously did not have the hardware resources available. The VNC1L is
available in Pb-free (RoHS compliant) compact 48-Lead LQFP package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com