Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDIP1 Datasheet(PDF) 4 Page - Future Technology Devices International Ltd.

Part # VDIP1
Description  Vinculum VNC1L Module
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

VDIP1 Datasheet(HTML) 4 Page - Future Technology Devices International Ltd.

  VDIP1_10 Datasheet HTML 1Page - Future Technology Devices International Ltd. VDIP1_10 Datasheet HTML 2Page - Future Technology Devices International Ltd. VDIP1_10 Datasheet HTML 3Page - Future Technology Devices International Ltd. VDIP1_10 Datasheet HTML 4Page - Future Technology Devices International Ltd. VDIP1_10 Datasheet HTML 5Page - Future Technology Devices International Ltd. VDIP1_10 Datasheet HTML 6Page - Future Technology Devices International Ltd. VDIP1_10 Datasheet HTML 7Page - Future Technology Devices International Ltd. VDIP1_10 Datasheet HTML 8Page - Future Technology Devices International Ltd. VDIP1_10 Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
`
Copyright © 2010 Future Technology Devices International Limited
3
Document Reference No.: FT_000016
VDIP1 Vinculum VNC1L Module Datasheet Version 1.01
Clearance No.: FTDI# 131
2 Features
The VDIP1 has the following features
:
Uses FTDI’s VNC1L embedded dual USB host
controller IC device
USB single ‘A’ type USB socket to interface
with USB peripheral devices
Second USB interface port available via
module pins if required
Jumper selectable UART, parallel FIFO or SPI
MCU interfaces
Single 5V supply input from USB connection
(no external supply necessary)
Auxiliary 3.3 V / 200 mA power output to
external logic.
Program or update firmware via USB Flash
disk or via UART/Parallel FIFO/SPI interface
Power and traffic indicator LED’s
VNC1L firmware programming control pins
PROG# and RESET# brought out onto jumper
interface
VDIP1 is a Pb-free, RoHS complaint
development module.
Schematics, and firmware files available for
download from the Vinculum website



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com