Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDIP1 Datasheet(PDF) 9 Page - Future Technology Devices International Ltd.

Part # VDIP1
Description  Vinculum VNC1L Module
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

VDIP1 Datasheet(HTML) 9 Page - Future Technology Devices International Ltd.

Back Button VDIP1_10 Datasheet HTML 5Page - Future Technology Devices International Ltd. VDIP1_10 Datasheet HTML 6Page - Future Technology Devices International Ltd. VDIP1_10 Datasheet HTML 7Page - Future Technology Devices International Ltd. VDIP1_10 Datasheet HTML 8Page - Future Technology Devices International Ltd. VDIP1_10 Datasheet HTML 9Page - Future Technology Devices International Ltd. VDIP1_10 Datasheet HTML 10Page - Future Technology Devices International Ltd. VDIP1_10 Datasheet HTML 11Page - Future Technology Devices International Ltd. VDIP1_10 Datasheet HTML 12Page - Future Technology Devices International Ltd. VDIP1_10 Datasheet HTML 13Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
`
Copyright © 2010 Future Technology Devices International Limited
8
Document Reference No.: FT_000016
VDIP1 Vinculum VNC1L Module Datasheet Version 1.01
Clearance No.: FTDI# 131
3.5 Signal Descriptions - UART Interface
The UART interface I/O pin description of the VNC1L device are shown in Table 3.4
Pin No.
Name
Type
Description
6
TXD
Output
Transmit asynchronous data output
8
RXD
Input
Receive asynchronous data input
9
RTS#
Output
Request To Send Control Output / Handshake signal
10
CTS#
Input
Clear To Send Control Input / Handshake signal
11
DTR#
Output
Data Terminal Ready Control Output / Handshake signal
12
DSR#
Input
Data Set Ready Control Input / Handshake signal
13
DCD#
Input
Data Carrier Detect Control Input
14
RI#
Input
Ring Indicator Contro l Input. When the RemoteakeW up option is enabled in the
EEPROM, taking RI# low can be used to resume the PC USB Host controller
from suspend
15
TXDEN#
Input
Enable Transmit Data for RS485 designs
Table 3.4 - Default I/O Pin Configuration – UART Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com