Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDIP1 Datasheet(PDF) 8 Page - Future Technology Devices International Ltd.

Part # VDIP1
Description  Vinculum VNC1L Module
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

VDIP1 Datasheet(HTML) 8 Page - Future Technology Devices International Ltd.

Back Button VDIP1_10 Datasheet HTML 4Page - Future Technology Devices International Ltd. VDIP1_10 Datasheet HTML 5Page - Future Technology Devices International Ltd. VDIP1_10 Datasheet HTML 6Page - Future Technology Devices International Ltd. VDIP1_10 Datasheet HTML 7Page - Future Technology Devices International Ltd. VDIP1_10 Datasheet HTML 8Page - Future Technology Devices International Ltd. VDIP1_10 Datasheet HTML 9Page - Future Technology Devices International Ltd. VDIP1_10 Datasheet HTML 10Page - Future Technology Devices International Ltd. VDIP1_10 Datasheet HTML 11Page - Future Technology Devices International Ltd. VDIP1_10 Datasheet HTML 12Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
`
Copyright © 2010 Future Technology Devices International Limited
7
Document Reference No.: FT_000016
VDIP1 Vinculum VNC1L Module Datasheet Version 1.01
Clearance No.: FTDI# 131
3.4 Default Interface I/O Pin Configuration
The VNC1L device is pre-programmed with default settings for the I/O pins however they can be easily
changed to suit a designers needs. The default interface I/O pin configuration of the VNC1L device are
shown in Table 3.3
Pin
No.
Name
Pin
Name
on
PCB
Type
Description
Data and Control Bus Configuration
Options
UART
Interface
Parallel FIFO
Interface
SPI Slave
Interface
I/O Port
6
ADBUS0
AD0
I/O
5V safe
bidirectional
data / control
bus, AD bit 0
TXD
D0
SCLK
PortAD0
8
ADBUS1
AD1
I/O
5V safe
bidirectional
data / control
bus, AD bit 1
RXD
D1
SDI
PortAD1
9
ADBUS2
AD2
I/O
5V safe
bidirectional
data / control
bus, AD bit 2
RTS#
D2
SDO
PortAD2
10
ADBUS3
AD3
I/O
5V safe
bidirectional
data / control
bus, AD bit 3
CTS#
D3
CS
PortAD3
11
ADBUS4
AD4
I/O
5V safe
bidirectional
data / control
bus, AD bit 4
DTR#
D4
PortAD4
12
ADBUS5
AD5
I/O
5V safe
bidirectional
data / control
bus, AD bit 5
DSR#
D5
PortAD5
13
ADBUS6
AD6
I/O
5V safe
bidirectional
data / control
bus, AD bit 6
DCD#
D6
PortAD6
14
ADBUS7
AD7
I/O
5V safe
bidirectional
data / control
bus, AD bit 7
RI#
D7
PortAD7
15
ACBUS0
AC0
I/O
5V safe
bidirectional
data / control
bus, AC bit 0
TXDEN#
RXF#
PortAC0
16
ACBUS1
AC1
I/O
5V safe
bidirectional
data / control
bus, AC bit 1
TXE#
PortAC1
17
ACBUS2
AC2
I/O
5V safe
bidirectional
data / control
bus, AC bit 2
RD#
PortAC2
19
ACBUS3
AC3
I/O
5V safe
bidirectional
data / control
bus, AC bit 3
WR
PortAC3
20
ACBUS4
AC4
I/O
5V safe
bidirectional
data / control
bus, AC bit 4
PortAC4
Table 3.3 - Default Interface I/O Pin Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com