Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDIP1 Datasheet(PDF) 6 Page - Future Technology Devices International Ltd.

Part # VDIP1
Description  Vinculum VNC1L Module
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

VDIP1 Datasheet(HTML) 6 Page - Future Technology Devices International Ltd.

Back Button VDIP1_10 Datasheet HTML 2Page - Future Technology Devices International Ltd. VDIP1_10 Datasheet HTML 3Page - Future Technology Devices International Ltd. VDIP1_10 Datasheet HTML 4Page - Future Technology Devices International Ltd. VDIP1_10 Datasheet HTML 5Page - Future Technology Devices International Ltd. VDIP1_10 Datasheet HTML 6Page - Future Technology Devices International Ltd. VDIP1_10 Datasheet HTML 7Page - Future Technology Devices International Ltd. VDIP1_10 Datasheet HTML 8Page - Future Technology Devices International Ltd. VDIP1_10 Datasheet HTML 9Page - Future Technology Devices International Ltd. VDIP1_10 Datasheet HTML 10Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
`
Copyright © 2010 Future Technology Devices International Limited
5
Document Reference No.: FT_000016
VDIP1 Vinculum VNC1L Module Datasheet Version 1.01
Clearance No.: FTDI# 131
3.2 Pin Signal Description
Pin No.
Name
Pin Name on
PCB
Type
Description
1
5V0
5V0
PWR
Input
5.0 V module supply pin. This pin provides the 5.0V output on the
USB ‘A’ type socket, and also the 3.3V supply to VNCL2, via an on-
board 3.3 V L.D.O.
2
LED1
LD1
Output
USB port 1 traffic activity indicator LED. This pin is hard wired to a
green LED on board the PCB. It is also brought out onto this pin
which allows for the possibility of bring- ing out an additional LED
traffic indicator out of the VDIP1 board. For example, if the VDIP1
USB connector is brought out onto an instrument front panel, an
activity LED could be mounted along side it.
3
LED2
LD2
Output
USB port 2 traffic activity indicator LED. This pin is hard wired to a
green LED on board the PCB. It is also brought out onto this pin
which allows for the possibility of bring- ing out an additional LED
traffic indicator out of the VDIP1 board. For example, if the VDIP1
USB connector is brought out onto an instrument front panel, an
activity LED could be mounted along side it.
4
USBD1P
U1P
I/O
USB host / slave port 1 - USB Data Signal Plus with integrated pull
up / pull down resistor. Module has on board 27 Ω USB series
resistor. This pin can be brought out along with pin 5 to provide a
second USB port, if required
5
USBD1M
U1M
I/O
USB host / slave port 1 - USB Data Signal Minus with integrated pull
up / pull down resistor. Module has on board 27 Ω USB series
resistor. This pin can be brought out along with pin 4 to provide a
second USB port, if required
6
ADBUS0
AD0
I/O
5V safe bidirectional data / control bus, AD bit 0
7
GND
GND
PWR
Module ground supply pin
8
ADBUS1
AD1
I/O
5V safe bidirectional data / control bus, AD bit 1
9
ADBUS2
AD2
I/O
5V safe bidirectional data / control bus, AD bit 2
10
ADBUS3
AD3
I/O
5V safe bidirectional data / control bus, AD bit 3
11
ADBUS4
AD4
I/O
5V safe bidirectional data / control bus, AD bit 4
12
ADBUS5
AD5
I/O
5V safe bidirectional data / control bus, AD bit 5
13
ADBUS6
AD6
I/O
5V safe bidirectional data / control bus, AD bit 6
14
ADBUS7
AD7
I/O
5V safe bidirectional data / control bus, AD bit 7
15
ACBUS0
AC0
I/O
5V safe bidirectional data / control bus, AC bit 0
16
ACBUS1
AC1
I/O
5V safe bidirectional data / control bus, AC bit 1
17
ACBUS2
AC2
I/O
5V safe bidirectional data / control bus, AC bit 2
18
GND
GND
PWR
Module Ground Supply Pin
19
ACBUS3
AC3
I/O
5V safe bidirectional data / control bus, AC bit 3
20
ACBUS4
AC4
I/O
5V safe bidirectional data / control bus, AC bit 4
21
ACBUS5
AC5
I/O
5V safe bidirectional data / control bus, AC bit 5
22
RESET#
RS#
Input
Can be used by an external device to reset the VNC1L. This pin can be used
in combination with PROG# and the UART / parallel FIFO / SPI interface to
program firmware into the Vinculum
23
PROG#
PG#
Input
This pin is used in combination with the RESET# pin and the UART / parallel
FIFO / SPI interface to pro gra m fir mware into t he VNC1L.
24
3V3
3V3
PWR
3.3V output from VDIP1’s on board 3.3V L.D.O.
Table 3.1 - Pin Signal Descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com