Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA56004GD Datasheet(PDF) 23 Page - NXP Semiconductors

Part # SA56004GD
Description  짹1 째C accurate, SMBus-compatible, 8-pin, remote/local digital temperature sensor with overtemperature alarms
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SA56004GD Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button SA56004GD Datasheet HTML 19Page - NXP Semiconductors SA56004GD Datasheet HTML 20Page - NXP Semiconductors SA56004GD Datasheet HTML 21Page - NXP Semiconductors SA56004GD Datasheet HTML 22Page - NXP Semiconductors SA56004GD Datasheet HTML 23Page - NXP Semiconductors SA56004GD Datasheet HTML 24Page - NXP Semiconductors SA56004GD Datasheet HTML 25Page - NXP Semiconductors SA56004GD Datasheet HTML 26Page - NXP Semiconductors SA56004GD Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
SA56004X_5
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 — 22 May 2008
23 of 36
NXP Semiconductors
SA56004X
Digital temperature sensor with overtemperature alarms
[1]
The switching characteristics of the SA56004X fully meet or exceed all parameters specified in
SMBus version 2.0. The following
parameters specify the timing between the SCLK and SDATA signals in the SA56004X. They adhere to, but are not necessarily specified
as the SMBus specifications.
[2]
Delay from SDATA STOP to SDATA START.
[3]
Delay from SDATA START to first SCLK HIGH-to-LOW transition.
[4]
Delay from SCLK HIGH-to-LOW transition to SDATA edges.
[5]
Delay from SDATA edges to SCLK LOW-to-HIGH transition.
[6]
Delay from SCLK LOW-to-HIGH transition to restart SDATA.
[7]
Delay from SCLK HIGH-to-LOW transition to SDATA STOP condition.
[8]
LOW period for reset of SMBus.
Table 19.
SMBus interface characteristics
VDD = 3.0 V to 3.6 V; Tamb = −40 °C to +125 °C; unless otherwise specified.
These specifications are guaranteed by design and not tested in production.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIH
HIGH-level input voltage
SCLK, SDATA; VDD = 2.7 V to 5.5 V
2.2
-
-
V
VIL
LOW-level input voltage
SCLK, SDATA; VDD = 2.7 V to 5.5 V
-
-
0.8
V
IOL
LOW-level output current
ALERT, T_CRIT; VOL = 0.4 V
1.0
-
-
mA
SDATA; VOL = 0.6 V
6.0
-
-
mA
IOH
LOW-level output current
-
-
1.0
µA
IIL
LOW-level input current
−1.0
-
-
µA
IIH
HIGH-level input current
-
-
1.0
µA
Ci
input capacitance
SCLK, SDATA
-
5
-
pF
SMBus digital switching characteristics[1]
fSCLK
SCLK operating frequency
-
-
400
kHz
tLOW
SCLK LOW time
10 % to 10 %
600
5000
-
ns
tHIGH
SCLK HIGH time
90 % to 90 %
600
5000
-
ns
tBUF
SMBus free time[2]
600
-
-
ns
tHD;STA
hold time of START condition[3]
10 % of SDATA to 90 % of SCLK
600
-
-
ns
tHD;DAT
hold time of data[4]
0
300
-
ns
tSU;DAT
set-up time of data in[5]
250
-
-
ns
tSU;STA
set-up time of repeat START
condition[6]
90 % to 90 %
250
-
-
ns
tSU;STO
set-up time of STOP condition[7] 90 % of SCLK to 90 % of SDATA
250
-
-
ns
tr
rise time
SCLK and SDATA
-
-
1
µs
tf
fall time
SCLK and SDATA
-
-
300
ns
tof
output fall time
CL = 400 pF; IO = 3 mA
-
-
250
ns
tto(SMBus)
SMBus time-out time[8]
25
-
35
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com