Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA56004GD Datasheet(PDF) 15 Page - NXP Semiconductors

Part # SA56004GD
Description  짹1 째C accurate, SMBus-compatible, 8-pin, remote/local digital temperature sensor with overtemperature alarms
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SA56004GD Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button SA56004GD Datasheet HTML 11Page - NXP Semiconductors SA56004GD Datasheet HTML 12Page - NXP Semiconductors SA56004GD Datasheet HTML 13Page - NXP Semiconductors SA56004GD Datasheet HTML 14Page - NXP Semiconductors SA56004GD Datasheet HTML 15Page - NXP Semiconductors SA56004GD Datasheet HTML 16Page - NXP Semiconductors SA56004GD Datasheet HTML 17Page - NXP Semiconductors SA56004GD Datasheet HTML 18Page - NXP Semiconductors SA56004GD Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
SA56004X_5
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 — 22 May 2008
15 of 36
NXP Semiconductors
SA56004X
Digital temperature sensor with overtemperature alarms
7.9.2 T_CRIT output
The T_CRIT output is LOW when any temperature reading is greater than the preset limit
in the corresponding critical temperature setpoint register. When one of the T_CRIT
setpoint temperatures is exceeded, the appropriate status register bit, 1 (RCRIT) or 0
(LCRIT), is set.
After every local and remote temperature conversion the status register flags and the
T_CRIT output are updated. Figure 7 is a timing diagram showing the relationship of
T_CRIT output, Status bit 1 (RCRIT) and the remote critical temperature setpoint (RCS),
and critical temperature hysteresis (TH) with remote temperature changes. Note that the
T_CRIT output is de-activated only after the remote temperature is below the remote
temperature setpoint, RCS minus the hysteresis, TH. In the interrupt mode only, the
Status register flags are reset after the Status register is read.
Event A: T_CRIT goes LOW and Status bit 1 (RCRIT) is set HIGH when Remote
Temperature exceeds RCS, Remote T_CRIT Setpoint.
Event B: Remote Temperature goes below RCS
− TH. T_CRIT is de-activated, but
Status register remains unchanged.
Table 16.
ALERT response bit assignment
ALERT response bit
Device address bit
Function
7 (MSB)
ADD6
address bit 6 (MSB) of alerted device
6
ADD5
address bit 5 of alerted device
5
ADD4
address bit 4 of alerted device
4
ADD3
address bit 3 of alerted device
3
ADD2
address bit 2 of alerted device
2
ADD1
address bit 1 of alerted device
1
ADD0
address bit 0 of alerted device
0
1
always logic 1
Fig 7.
T_CRIT temperature response timing
002aad217
RCS
RCS
− TH
Status register bit 1
(RCRIT)
AB
C
remote temperature
T_CRIT output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com