Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA56004GD Datasheet(PDF) 14 Page - NXP Semiconductors

Part # SA56004GD
Description  짹1 째C accurate, SMBus-compatible, 8-pin, remote/local digital temperature sensor with overtemperature alarms
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SA56004GD Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button SA56004GD Datasheet HTML 10Page - NXP Semiconductors SA56004GD Datasheet HTML 11Page - NXP Semiconductors SA56004GD Datasheet HTML 12Page - NXP Semiconductors SA56004GD Datasheet HTML 13Page - NXP Semiconductors SA56004GD Datasheet HTML 14Page - NXP Semiconductors SA56004GD Datasheet HTML 15Page - NXP Semiconductors SA56004GD Datasheet HTML 16Page - NXP Semiconductors SA56004GD Datasheet HTML 17Page - NXP Semiconductors SA56004GD Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
SA56004X_5
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 — 22 May 2008
14 of 36
NXP Semiconductors
SA56004X
Digital temperature sensor with overtemperature alarms
Status register, at address 02h, during the interrupt service routine and then reset the
ALERT mask bit 7 in the Configuration register to logic 0 at the end of the interrupt service
routine (see Figure 6).
In order for the SA56004X to respond to the ARA command, the bit D0 in the ALERT
mode register must be set LOW.
ALERT mask bit 7 and the ALERT mode bit D0 are both LOW for the POR default.
The following events summarize the ALERT output interrupt operation in the SMBus Alert
mode:
Event A: Master senses the ALERT line being LOW.
Event A to B: Master sends a read command using the common 7-bit Alert Response
Address (ARA) of 0001100.
Event A to B: Alerting device(s) return ACK signal and their addresses using the
I2C-bus Arbitration (the device with the lowest address value sends its address first. The
master can repeat the alert reading process and work up through all the interrupts).
Event B: Upon the successful completion of returning address, the SA56004X resets its
ALERT output (to OFF) and sets the ALERT mask bit 7 in its configuration register.
Event C: Master should read the device status register to identify and correct the
conditions that caused the Alert interruption. The status register is reset.
Event D: Master resets the ALERT mask bit 7 in the configuration register to enable the
device ALERT output interruption.
Remark: The bit assignment of the returned data from the ARA reading is listed in
Table 16. If none of the devices on the bus is alerted then the returned data from ARA
reading will be FFh (1111 1111).
Fig 6.
ALERT pin in SMBus Alert mode
temperature
002aad215
remote temperature high limit
remote diode temperature
ALERT pin
status register bit 4
(RHIGH)
AB
C
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com