Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA56004GD Datasheet(PDF) 29 Page - NXP Semiconductors

Part # SA56004GD
Description  짹1 째C accurate, SMBus-compatible, 8-pin, remote/local digital temperature sensor with overtemperature alarms
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SA56004GD Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button SA56004GD Datasheet HTML 25Page - NXP Semiconductors SA56004GD Datasheet HTML 26Page - NXP Semiconductors SA56004GD Datasheet HTML 27Page - NXP Semiconductors SA56004GD Datasheet HTML 28Page - NXP Semiconductors SA56004GD Datasheet HTML 29Page - NXP Semiconductors SA56004GD Datasheet HTML 30Page - NXP Semiconductors SA56004GD Datasheet HTML 31Page - NXP Semiconductors SA56004GD Datasheet HTML 32Page - NXP Semiconductors SA56004GD Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
SA56004X_5
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 — 22 May 2008
29 of 36
NXP Semiconductors
SA56004X
Digital temperature sensor with overtemperature alarms
Fig 22. Package outline SOT782-1 (HVSON8)
UNIT
A(1)
max.
A1
bc
e
e1
Ly
w
v
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
1
0.05
0.00
0.35
0.25
0.2
3.1
2.9
0.65
1.75
1.45
0.05
0.05
y1
0.1
0.1
1.95
DIMENSIONS (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.075 mm maximum per side are not included.
0.5
0.3
SOT782-1
- - -
MO-229
- - -
03-01-29
D (1)
E (1)
3.1
2.9
Dh
Eh
2.55
2.25
SOT782-1
0
1
2 mm
scale
y
y1 C
C
b
A
C
C
B
v M
w M
HVSON8: plastic thermal enhanced very thin small outline package; no leads;
8 terminals; body 3 x 3 x 0.85 mm
A
A1
c
detail X
Dh
Eh
e
L
8
4
1
5
D
E
B
A
terminal 1
index area
terminal 1
index area
e1
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com