Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA56004GD Datasheet(PDF) 25 Page - NXP Semiconductors

Part # SA56004GD
Description  짹1 째C accurate, SMBus-compatible, 8-pin, remote/local digital temperature sensor with overtemperature alarms
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SA56004GD Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button SA56004GD Datasheet HTML 21Page - NXP Semiconductors SA56004GD Datasheet HTML 22Page - NXP Semiconductors SA56004GD Datasheet HTML 23Page - NXP Semiconductors SA56004GD Datasheet HTML 24Page - NXP Semiconductors SA56004GD Datasheet HTML 25Page - NXP Semiconductors SA56004GD Datasheet HTML 26Page - NXP Semiconductors SA56004GD Datasheet HTML 27Page - NXP Semiconductors SA56004GD Datasheet HTML 28Page - NXP Semiconductors SA56004GD Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
SA56004X_5
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 — 22 May 2008
25 of 36
NXP Semiconductors
SA56004X
Digital temperature sensor with overtemperature alarms
11. Performance curves
Fig 12. Typical IDD shutdown versus temperature and
VDD
Fig 13. Typical IDD quiescent current versus
temperature and VDD (conversion rate = 16 Hz)
Conversion rate:
(1) 16 Hz
(2) 8.0 Hz
(3) 4.0 Hz
(4) 2.0 Hz
(5) 1.0 Hz
(6) 0.5 Hz
(7) 0.25 Hz
(8) 0.12 Hz
(9) 0.06 Hz
Fig 14. Typical IDD quiescent current versus
temperature and VDD
(conversion rate = 0.06 Hz)
Fig 15. Typical IDD quiescent current versus
temperature and conversion rate (VDD = 3.3 V)
8
16
24
IDD
shutdown
(
µA)
0
Tamb (°C)
−50
125
002aad228
100
75
50
25
0
−25
VDD = 5.5 V
3.6 V
3.3 V
3.0 V
400
600
800
IDD
quiescent
(
µA)
200
Tamb (°C)
−50
125
002aad229
100
75
50
25
0
−25
VDD = 5.5 V
3.6 V
3.3 V
3.0 V
200
300
400
IDD
quiescent
(
µA)
100
Tamb (°C)
−50
125
002aad230
100
75
50
25
0
−25
VDD = 5.5 V
3.6 V
3.3 V
3.0 V
500
100
Tamb (°C)
−50
125
002aad231
100
75
50
25
0
−25
200
300
400
IDD quiescent
(
µA)
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
(9)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com