Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC68C752B Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SC68C752B
Description  5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs and 68 mode 關P interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC68C752B Datasheet(HTML) 2 Page - NXP Semiconductors

  SC68C752B Datasheet HTML 1Page - NXP Semiconductors SC68C752B Datasheet HTML 2Page - NXP Semiconductors SC68C752B Datasheet HTML 3Page - NXP Semiconductors SC68C752B Datasheet HTML 4Page - NXP Semiconductors SC68C752B Datasheet HTML 5Page - NXP Semiconductors SC68C752B Datasheet HTML 6Page - NXP Semiconductors SC68C752B Datasheet HTML 7Page - NXP Semiconductors SC68C752B Datasheet HTML 8Page - NXP Semiconductors SC68C752B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
SC68C752B_4
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 20 January 2010
2 of 48
NXP Semiconductors
SC68C752B
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
5 V tolerant on input only pins1
Software selectable baud rate generator
Prescaler provides additional divide-by-4 function
Industrial temperature range (
−40 °C to +85 °C)
Fast data bus access time
Programmable Sleep mode
Programmable serial interface characteristics
5-bit, 6-bit, 7-bit, or 8-bit characters
Even, odd, or no parity bit generation and detection
1, 1.5, or 2 stop bit generation
False start bit detection
Complete status reporting capabilities in both normal and Sleep mode
Line break generation and detection
Internal test and loopback capabilities
Fully prioritized interrupt system controls
Modem control functions (CTS, RTS, DSR, DTR, RI, and CD)
3.
Ordering information
1.
For data bus pins D7 to D0, see Table 25 “Limiting values”.
Table 1.
Ordering information
Type number
Package
Name
Description
Version
SC68C752BIB48 LQFP48
plastic low profile quad flat package; 48 leads;
body 7
× 7 × 1.4 mm
SOT313-2
SC68C752BIBS
HVQFN32
plastic thermal enhanced very thin quad flat package;
no leads; 32 terminals; body 5
× 5 × 0.85 mm
SOT617-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com