Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC68C752B Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SC68C752B
Description  5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs and 68 mode 關P interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC68C752B Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SC68C752B Datasheet HTML 9Page - NXP Semiconductors SC68C752B Datasheet HTML 10Page - NXP Semiconductors SC68C752B Datasheet HTML 11Page - NXP Semiconductors SC68C752B Datasheet HTML 12Page - NXP Semiconductors SC68C752B Datasheet HTML 13Page - NXP Semiconductors SC68C752B Datasheet HTML 14Page - NXP Semiconductors SC68C752B Datasheet HTML 15Page - NXP Semiconductors SC68C752B Datasheet HTML 16Page - NXP Semiconductors SC68C752B Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
SC68C752B_4
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 20 January 2010
13 of 48
NXP Semiconductors
SC68C752B
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
6.5 Interrupts
The SC68C752B has interrupt generation and prioritization (six prioritized levels of
interrupts) capability. The Interrupt Enable Register (IER) enables each of the six types of
interrupts and the IRQ signal in response to an interrupt generation. The IER can also
disable the interrupt system by clearing bits 3:0 and bits 7:5. When an interrupt is
generated, the IIR indicates that an interrupt is pending and provides the type of interrupt
through IIR[5:0]. Table 7 summarizes the interrupt control functions.
It is important to note that for the framing error, parity error, and break conditions, LSR[7]
generates the interrupt. LSR[7] is set when there is an error anywhere in the RX FIFO,
and is cleared only when there are no more errors remaining in the FIFO. LSR[4:2] always
represent the error status for the received character at the top of the RX FIFO. Reading
the RX FIFO updates LSR[4:2] to the appropriate status for the new character at the top of
the FIFO. If the RX FIFO is empty, then LSR[4:2] are all zeros.
For the Xoff interrupt, if an Xoff flow character detection caused the interrupt, the interrupt
is cleared by an Xon flow character detection. If a special character detection caused the
interrupt, the interrupt is cleared by a read of the IIR.
Table 7.
Interrupt control functions
IIR[5:0]
Priority
level
Interrupt type
Interrupt source
Interrupt reset method
000001
None
none
none
none
000110
1
receiver line
status
OE, FE, PE, or BI errors occur
in characters in the RX FIFO
FE, PE, BI: all erroneous
characters are read from
the RX FIFO.
OE: read LSR
001100
2
RX time-out
stale data in RX FIFO
read RHR
000100
2
RHR interrupt
DRDY (data ready)
(FIFO disable)
RX FIFO above trigger level
(FIFO enable)
read RHR
000010
3
THR interrupt
TFE (THR empty)
(FIFO disable)
TX FIFO passes above trigger
level
(FIFO enable)
read IIR or a write to the
THR
000000
4
modem status
MSR[3:0] = 0
read MSR
010000
5
Xoff interrupt
receive Xoff character(s)/
special character
receive Xon character(s)/
Read of IIR
100000
6
CTS, RTS
RTSn pin or CTSn pin change
state from active (LOW) to
inactive (HIGH)
read IIR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com