Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC68C752B Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SC68C752B
Description  5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs and 68 mode 關P interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC68C752B Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SC68C752B Datasheet HTML 5Page - NXP Semiconductors SC68C752B Datasheet HTML 6Page - NXP Semiconductors SC68C752B Datasheet HTML 7Page - NXP Semiconductors SC68C752B Datasheet HTML 8Page - NXP Semiconductors SC68C752B Datasheet HTML 9Page - NXP Semiconductors SC68C752B Datasheet HTML 10Page - NXP Semiconductors SC68C752B Datasheet HTML 11Page - NXP Semiconductors SC68C752B Datasheet HTML 12Page - NXP Semiconductors SC68C752B Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
SC68C752B_4
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 20 January 2010
9 of 48
NXP Semiconductors
SC68C752B
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
6.2.2 Auto-CTS
The transmitter circuitry checks CTSn before sending the next data byte. When CTSn is
active, the transmitter sends the next byte. To stop the transmitter from sending the
following byte, CTSn must be de-asserted before the middle of the last stop bit that is
currently being sent. The auto-CTS function reduces interrupts to the host system. When
flow control is enabled, CTSn level changes do not trigger host interrupts because the
device automatically controls its own transmitter. Without auto-CTS, the transmitter sends
any data present in the transmit FIFO and a receiver overrun error may result.
6.3 Software flow control
Software flow control is enabled through the Enhanced Feature Register and the Modem
Control Register. Different combinations of software flow control can be enabled by setting
different combinations of EFR[3:0]. Table 4 shows software flow control options.
When CTSn is LOW, the transmitter keeps sending serial data out.
When CTSn goes HIGH before the middle of the last stop bit of the current byte, the transmitter finishes sending the current
byte, but is does not send the next byte.
When CTSn goes from HIGH to LOW, the transmitter begins sending data again.
Fig 6.
CTSn functional timing
Start
byte 0 to 7
Stop
TXn
CTSn
002aaa227
Start
byte 0 to 7
Stop
Table 4.
Software flow control options (EFR[3:0])
EFR[3]
EFR[2]
EFR[1]
EFR[0]
TX, RX software flow controls
0
0
X
X
no transmit flow control
1
0
X
X
transmit Xon1, Xoff1
0
1
X
X
transmit Xon2, Xoff2
1
1
X
X
transmit Xon1, Xon2, Xoff1, Xoff2
X
X
0
0
no receive flow control
X
X
1
0
receiver compared Xon1, Xoff1
X
X
0
1
receiver compares Xon2, Xoff2
1
0
1
1
transmit Xon1, Xoff1
receiver compares Xon1 and Xon2, Xoff1 and Xoff2
0
1
1
1
transmit Xon2, Xoff2
receiver compares Xon1 and Xon2, Xoff1 and Xoff2
1
1
1
1
transmit Xon1, Xon2, Xoff1, Xoff2
receiver compares Xon1 and Xon2, Xoff1 and Xoff2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com