Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC68C752B Datasheet(PDF) 32 Page - NXP Semiconductors

Part # SC68C752B
Description  5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs and 68 mode 關P interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC68C752B Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button SC68C752B Datasheet HTML 28Page - NXP Semiconductors SC68C752B Datasheet HTML 29Page - NXP Semiconductors SC68C752B Datasheet HTML 30Page - NXP Semiconductors SC68C752B Datasheet HTML 31Page - NXP Semiconductors SC68C752B Datasheet HTML 32Page - NXP Semiconductors SC68C752B Datasheet HTML 33Page - NXP Semiconductors SC68C752B Datasheet HTML 34Page - NXP Semiconductors SC68C752B Datasheet HTML 35Page - NXP Semiconductors SC68C752B Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
SC68C752B_4
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 20 January 2010
32 of 48
NXP Semiconductors
SC68C752B
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
[1]
× sign here means bit-AND.
Set TX FIFO and RX FIFO thresholds
to VALUE
read LCR (03h), save in temp1
set LCR (03h) to BFh
read EFR (02h), save in temp2
set EFR (02h) to 10h + temp2
set LCR (03h) to 00h
read MCR (04h), save in temp3
set MCR (04h) to 40h + temp3
set TLR (07h) to VALUE
set MCR (04h) to temp3
set LCR (03h) to BFh
set EFR (02h) to temp2
set LCR (03h) to temp1
Read FIFO Rdy register
read MCR (04h), save in temp1
set temp2 = temp1
× EFh [1]
set MCR (04h) = 40h + temp2
read FFR (07h), save in temp2
pass temp2 back to host
set MCR (04h) to temp1
Set prescaler value to divide-by-1
read LCR (03h), save in temp1
set LCR (03h) to BFh
read EFR (02h), save in temp2
set EFR (02h) to 10h + temp2
set LCR (03h) to 00h
read MCR (04h), save in temp3
set MCR (04h) to temp3
× 7Fh[1]
set LCR (03h) to BFh
set EFR (02h) to temp2
set LCR (03h) to temp1
Set prescaler value to divide-by-4
read LCR (03h), save in temp1
set LCR (03h) to BFh
read EFR (02h), save in temp2
set EFR (02h) to 10h + temp2
set LCR (03h) to 00h
read MCR (04h), save in temp3
set MCR (04h) to temp3 + 80h
set LCR (03h) to BFh
set EFR (02h) to temp2
set LCR (03h) to temp1
Table 24.
Register programming guide …continued
Command
Actions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com