Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC68C752B Datasheet(PDF) 14 Page - NXP Semiconductors

Part # SC68C752B
Description  5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs and 68 mode 關P interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC68C752B Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button SC68C752B Datasheet HTML 10Page - NXP Semiconductors SC68C752B Datasheet HTML 11Page - NXP Semiconductors SC68C752B Datasheet HTML 12Page - NXP Semiconductors SC68C752B Datasheet HTML 13Page - NXP Semiconductors SC68C752B Datasheet HTML 14Page - NXP Semiconductors SC68C752B Datasheet HTML 15Page - NXP Semiconductors SC68C752B Datasheet HTML 16Page - NXP Semiconductors SC68C752B Datasheet HTML 17Page - NXP Semiconductors SC68C752B Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
SC68C752B_4
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 20 January 2010
14 of 48
NXP Semiconductors
SC68C752B
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
6.5.1 Interrupt mode operation
In Interrupt mode (if any bit of IER[3:0] is 1) the processor is informed of the status of the
receiver and transmitter by an interrupt signal, IRQ. Therefore, it is not necessary to
continuously poll the Line Status Register (LSR) to see if any interrupt needs to be
serviced. Figure 8 shows Interrupt mode operation.
6.5.2 Polled mode operation
In Polled mode (IER[3:0] = 0000) the status of the receiver and transmitter can be
checked by polling the Line Status Register (LSR). This mode is an alternative to the FIFO
Interrupt mode of operation where the status of the receiver and transmitter is
automatically known by means of interrupts sent to the CPU. Figure 9 shows FIFO
polled mode operation.
Fig 8.
Interrupt mode operation
11
11
IIR
IER
THR
RHR
PROCESSOR
R/W
IRQ
002aab096
Fig 9.
FIFO polled mode operation
00
00
IIR
IER
THR
RHR
PROCESSOR
R/W
002aab097



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com