Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPBT2532C2AT Datasheet(PDF) 13 Page - STMicroelectronics

Part # SPBT2532C2AT
Description  Bluetooth technology class-2 module
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBT2532C2AT Datasheet(HTML) 13 Page - STMicroelectronics

Back Button SPBT2532C2AT Datasheet HTML 9Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 10Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 11Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 12Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 13Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 14Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 15Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 16Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
SPBT2532C2.AT
Pin settings
Doc ID 16089 Rev 3
13/48
6.2
Pin description
Table 6.
Pin description
Pin n°
Name
Type
Description
ALT function
UART interface
13
RXD
I
Receive data
ADC3 (1)
1.
ADC pin functions are not 5V tolerant, when used as ALT pin function. Otherwise the I/O pins are all 5V
tolerant.
14
TXD
O
Transmit data
ADC2
11
CTS
I
Clear to send (active low)
ADC0/I2C Data/Aux Uart Rx
12
RTS
O
Request to send (active low)
ADC1/I2C Clock/Aux Uart Tx
Antenna
6
ANT
RF I/O
50
Ω Rx/Tx antenna port
Reserved
9
Reserved
I
Boot 0
Power and ground
8Vin
Vin
5, 7
GND
GND
Reset
10
RESETN
I
Reset input (active low for 5 ms);
GPIO – general purpose input/output
1
GPIO [1]
I/O
General purpose input/output
SPI MISO
2
GPIO [2]
I/O
General purpose input/output
SPI MOSI/I2S_SD
3
GPIO [3]
I/O
General purpose input/output
SPI SCLK/ I2S_CK
4
GPIO [4]
I/O
General purpose input/output
SPI SS/I2S_WS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com