Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPBT2532C2AT Datasheet(PDF) 22 Page - STMicroelectronics

Part # SPBT2532C2AT
Description  Bluetooth technology class-2 module
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBT2532C2AT Datasheet(HTML) 22 Page - STMicroelectronics

Back Button SPBT2532C2AT Datasheet HTML 18Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 19Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 20Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 21Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 22Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 23Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 24Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 25Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
SPBT2532C2.AT
22/48
Doc ID 16089 Rev 3
B.5
Factory defaults
●
The follow factory defaults are typically shipped with our standard products.
Customized defaults may be ordered upon request.
●
UART: 115200 baud, no parity, 1 stop bit, 8 data bits
●
Local name: “Amp’ed UP!”
●
Class of device: misc device
●
Profile: SPP (serial port profile)
●
Service name: “AMP-SPP”
●
Deep sleep: disabled
●
Page and inquiry scan: 1.28 s interval, 11 ms duration
●
Security: disabled
●
Bonding PIN: “1234”
●
Bonding allowed: always enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com