| Electronic Components Datasheet Search |
|
SPBT2532C2AT Datasheet(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPBT2532C2AT Datasheet(HTML) 32 Page - STMicroelectronics |
|
32 / 48 page ![]() Commands SPBT2532C2.AT 32/48 Doc ID 16089 Rev 3 Where [GPIO Pin] is the Pin number, 1 – 4, of the desired GPIO to read. C.17.2 Responses If the operation is successful, the response is: AT-AB GPIOReadDone [result] Where [result] is either a 1 to indicate high, or 0 to indicate low. C.18 GPIOWrite The GPIOWrite command is used to set a GPIO pin to high or low. A GPIO may only be set when configured as an output. C.18.1 Syntax AT+AB GPIOWrite [GPIO Pin] [Setting] Where [GPIO Pin] is the Pin number, 1 – 4, of the desired GPIO to read. [Setting] is a 1 to set a pin to high and a 0 to set a pin to low. C.18.2 Responses If the operation is successful, the response is: AT-AB GPIOWriteDone C.19 Hold The Hold command is used to switch a device from active mode to hold mode. C.19.1 Syntax AT+AB Hold [BD address] [Hold Duration] Where [BD address] is the BD address of the device to be switched to active mode. [Hold Duration] is given in slots from 4-10,000. C.19.2 Responses If the operation is successful, the response is: AT-AB HoldMode C.20 HostEvent The HostEvent command is used to enable/disable the host notification strings. This will override the default setting in the dynamic configuration only for the current session; until reset. C.20.1 Syntax AT+AB HostEvent [Enable/Disable] |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |