Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPBT2532C2AT Datasheet(PDF) 18 Page - STMicroelectronics

Part # SPBT2532C2AT
Description  Bluetooth technology class-2 module
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBT2532C2AT Datasheet(HTML) 18 Page - STMicroelectronics

Back Button SPBT2532C2AT Datasheet HTML 14Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 15Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 16Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 17Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 18Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 19Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 20Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 21Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
Soldering
SPBT2532C2.AT
18/48
Doc ID 16089 Rev 3
9
Soldering
Soldering phase has to be executed with care: In order to avoid undesired melting
phenomenon, particular attention has to be taken on the set up of the peak temperature.
Here following some suggestions for the temperature profile based on
IPC/JEDEC J-STD-020C, July 2004 recommendations.
Figure 8.
Soldering
Table 7.
Soldering
Profile feature
PB-free assembly
Average ramp up rate (TSMAX to TP)
3°C / sec max
Preheat
Temperature min (TS min)
Temperature max (TS max)
Time (tS min to tS max) (tS)
150 °C
200 °C
60-100 sec
Time maintained above:
Temperature TL
Time tL
217 °C
60-70 sec
Peak temperature (TP)
240 + 0 °C
Time within 5 °C of actual peak temperature (tP)
10-20 sec
Ramp down rate
6 °C / sec
Time from 25 °C to peak temperature
8 minutes max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com