Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPBT2532C2AT Datasheet(PDF) 15 Page - STMicroelectronics

Part # SPBT2532C2AT
Description  Bluetooth technology class-2 module
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBT2532C2AT Datasheet(HTML) 15 Page - STMicroelectronics

Back Button SPBT2532C2AT Datasheet HTML 11Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 12Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 13Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 14Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 15Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 16Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 17Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 18Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 48 page
background image
SPBT2532C2.AT
Software architecture
Doc ID 16089 Rev 3
15/48
7.1
Lower layer stack
Full Bluetooth v2.1 data rate (3M bps maximum)
Device power modes—active, sleep and deep sleep
Wake on Bluetooth feature—optimized power consumption of host CPU
Authentication and encryption
Encryption key length from 8-bits to 128-bits maximum
Persistent Flash memory—for BD Address and radio parameter storage
ACL (Asynchronous Connection Less) packet types (DM1, DH1, DM3, DH3, DM5,
DH5, 2-DH1, 2-DH3, 2-DH5)
Point to point support
Park, sniff, and hold modes—fully supported to maximum allowed intervals (see
Appendix B: )
Master slave switch—supported during connection and post connection
Dedicated inquiry access code—for improved inquiry scan performance
Dynamic packet selection—channel quality driven data rate to optimize link
performance
Dynamic power control—interference reduction and link performance
Bluetooth test modes—per Bluetooth v2.0 specification
802.11b/g co-existence—AWMA and AFH
Vendor specific HCI commands—to support device configuration and certification test
modes
7.2
Upper layer stack: amp’ed UP
SPP, SDAP, GAP protocols
RFComm, SDP, and L2CAP supported
7.3
AT command set: abSerial
Please see Appendix B: abSerial reference guide for details



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com