Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPBT2532C2.AT Datasheet(PDF) 11 Page - STMicroelectronics

Part # SPBT2532C2.AT
Description  Bluetooth technology class-2 module
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBT2532C2.AT Datasheet(HTML) 11 Page - STMicroelectronics

Back Button SPBT2532C2.AT Datasheet HTML 7Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 8Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 9Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 10Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 11Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 12Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 13Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 14Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
SPBT2532C2.AT
Bluetooth parameters
Doc ID 16089 Rev 3
11/48
5
Bluetooth parameters
5.1
RF performance characteristics
In the performance characteristics table the following applies:
●
Test condition: nominal
●
Voltage: typical, VIN = 3.0 V
●
Temperature: typical TA = 25 °C
Note:
For more complete data, please refer to STM STLC2500D datasheet.
Table 5.
RF performance characteristics
Parameters
Conditions
BT spec Typical
Unit
Antenna load
50
Ω
Radio receiver
Sensitivity level
BER < 0.001 with DH5
-70
-85
dBm
Maximum usable level
BER < 0.001 with DH1
-20
+8
dBm
Input VSWR
2.5:1
Radio transmitter
Output power
50 load
-6 to +4
+2
dBm
Initial carrier frequency tolerance
±75
±30
kHz
20 dB bandwidth for modulated carrier
≤1000
930
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com