Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPBT2532C2.AT Datasheet(PDF) 28 Page - STMicroelectronics

Part # SPBT2532C2.AT
Description  Bluetooth technology class-2 module
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBT2532C2.AT Datasheet(HTML) 28 Page - STMicroelectronics

Back Button SPBT2532C2.AT Datasheet HTML 24Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 25Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 26Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 27Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 28Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 29Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 30Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 31Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
Commands
SPBT2532C2.AT
28/48
Doc ID 16089 Rev 3
C.8
DisableBond
The DisableBond command is used to disallow new bonding with a device.
This command cannot be used while a connection is active.
C.8.1
Syntax
AT+AB DisableBond
C.8.2
Responses
If the operation is successful, the response is:
AT-AB BondDisabled
C.9
Discovery
The Discovery command is used to initiate a device discovery. The command will return the
number of responses of nearby devices and then the individual responses with BD address,
name of device. The number of devices returned is limited to 10.
Inquiry is performed with an interval of 10.24 seconds.
The devices are reported in the same order as the original inquiry results.
C.9.1
Syntax
AT+AB Discovery
AT+AB Discovery [CoD]
AT+AB Discovery [CoD] [profile] [include service enable/disable]
C.9.2
Responses
When the discovery command has been accepted, the response is:
AT-AB InqPending
Once the initial inquiry is complete and discovery has been started, the response is:
AT-AB DiscoveryPending [num]
where
[num] is the number of devices found, in decimal (up to 10 will be reported).
For each name or service name request that is successful, the response uses the returned
names in the following format.
AT-AB Device [BD addr] [name]
AT-AB Device [BD addr] Unknown
C.10
DUNConnect
The DUNConnect command is used to initiate a connection with the specified device. The
remote BD address must be specified. The remote Service is optional. If not specified, the
first registered DUN service will be used by default.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com