Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPBT2532C2.AT Datasheet(PDF) 30 Page - STMicroelectronics

Part # SPBT2532C2.AT
Description  Bluetooth technology class-2 module
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBT2532C2.AT Datasheet(HTML) 30 Page - STMicroelectronics

Back Button SPBT2532C2.AT Datasheet HTML 26Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 27Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 28Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 29Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 30Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 31Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 32Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 33Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
Commands
SPBT2532C2.AT
30/48
Doc ID 16089 Rev 3
C.12.1
Syntax
AT+AB EnableBond
AT+AB EnableBond [BD addr]
AT+AB EnableBond [BD addr] [PIN]
AT+AB EnableBond [BD addr] [PIN] [timeout]
Where
[BD addr] is the BD Address of the remote device with which to bond, [PIN] is
the PIN code to use (up to 16 characters), and
[timeout] is the duration of the timeout in
seconds (1 to 14,400, in decimal).
C.12.2
Responses
If the operation is successful, the response is:
AT-AB BondEnabled
If bonding has been initiated by a remote device, the notification is:
AT-AB BondPending [BD addr]
where
[BD addr] is the BD address of the remote device that initiated the bonding.
If bonding has occurred, the notification is:
AT-AB BondOk [BD addr]
where
[BD addr] is the BD address of the remote device with successful bonding.
If bonding was initiated by a remote device but failed, the notification is
AT-AB BondFail
When the time limit for bonding has expired, the notification is
AT-AB BondDisabled
C.13
EraseBondTable
The EraseBondTable command is used to erase all of the bonded device entries. Single
devices cannot be erased with this command
C.13.1
Syntax
AT+AB EraseBondTable
C.13.2
Responses
If the operation is successful, the response is:
AT-AB BondTableErased
C.14
ExitPark
The
ExitPark command is used to switch a device from park mode to active mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com