Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPBT2532C2.AT Datasheet(PDF) 33 Page - STMicroelectronics

Part # SPBT2532C2.AT
Description  Bluetooth technology class-2 module
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBT2532C2.AT Datasheet(HTML) 33 Page - STMicroelectronics

Back Button SPBT2532C2.AT Datasheet HTML 29Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 30Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 31Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 32Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 33Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 34Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 35Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 36Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
SPBT2532C2.AT
Commands
Doc ID 16089 Rev 3
33/48
Where
[Enable/Disable] is an e or E character to enable this parameter and a d or D
character to disable it.
C.20.2
Responses
If the feature is successfully enabled, the response is:
AT-AB HostEvent Enabled
If the feature is successfully disabled there is no response because the events have been
disabled.
C.21
LocalName
The LocalName command is used to set the name of the device to the name that is reported
during device discoveries. By default, the abSerial interface uses Amp’edBTDevice.
Changing the name using this command does not permanently change the local name.
C.21.1
Syntax
AT+AB LocalName [name]
Where
[name] is a string for the new local name (up to 50 characters). The space character
is allowed; the name is assumed to be all text up to the end of the command.
C.21.2
Responses
If the operation is successful, the response is:
AT-AB LocalNameOk
C.22
Park
The Park command is used to switch a device from active mode to park mode.
C.22.1
Syntax
AT+AB Park [BD address] [Beacon Period]
Where
[BD address] is the BD address of the device to be switched to active mode.
[Beacon Period] is given in slots from 200-10,000.
C.22.2
Responses
If the operation is successful, the response is:
AT-AB ParkMode
C.23
RemoteCommand
The RemoteCommand command is used to enable/disable the remote command mode.
This setting is stored in persistent memory, and will be retained after each reset.
Additionally, the new setting will take effect upon the next device reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com