Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPBT2532C2.AT Datasheet(PDF) 15 Page - STMicroelectronics

Part # SPBT2532C2.AT
Description  Bluetooth technology class-2 module
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBT2532C2.AT Datasheet(HTML) 15 Page - STMicroelectronics

Back Button SPBT2532C2.AT Datasheet HTML 11Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 12Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 13Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 14Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 15Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 16Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 17Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 18Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 48 page
background image
SPBT2532C2.AT
Software architecture
Doc ID 16089 Rev 3
15/48
7.1
Lower layer stack
●
Full Bluetooth v2.1 data rate (3M bps maximum)
●
Device power modes—active, sleep and deep sleep
●
Wake on Bluetooth feature—optimized power consumption of host CPU
●
Authentication and encryption
●
Encryption key length from 8-bits to 128-bits maximum
●
Persistent Flash memory—for BD Address and radio parameter storage
●
ACL (Asynchronous Connection Less) packet types (DM1, DH1, DM3, DH3, DM5,
DH5, 2-DH1, 2-DH3, 2-DH5)
●
Point to point support
●
Park, sniff, and hold modes—fully supported to maximum allowed intervals (see
Appendix B: )
●
Master slave switch—supported during connection and post connection
●
Dedicated inquiry access code—for improved inquiry scan performance
●
Dynamic packet selection—channel quality driven data rate to optimize link
performance
●
Dynamic power control—interference reduction and link performance
●
Bluetooth test modes—per Bluetooth v2.0 specification
●
802.11b/g co-existence—AWMA and AFH
●
Vendor specific HCI commands—to support device configuration and certification test
modes
7.2
Upper layer stack: amp’ed UP
●
SPP, SDAP, GAP protocols
●
RFComm, SDP, and L2CAP supported
7.3
AT command set: abSerial
●
Please see Appendix B: abSerial reference guide for details



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com