Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4360ISC8-2TRMPBF Datasheet(PDF) 7 Page - Linear Technology

Part # LTC4360ISC8-2TRMPBF
Description  Overvoltage Protection Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4360ISC8-2TRMPBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC4360ISC8-2TRMPBF Datasheet HTML 3Page - Linear Technology LTC4360ISC8-2TRMPBF Datasheet HTML 4Page - Linear Technology LTC4360ISC8-2TRMPBF Datasheet HTML 5Page - Linear Technology LTC4360ISC8-2TRMPBF Datasheet HTML 6Page - Linear Technology LTC4360ISC8-2TRMPBF Datasheet HTML 7Page - Linear Technology LTC4360ISC8-2TRMPBF Datasheet HTML 8Page - Linear Technology LTC4360ISC8-2TRMPBF Datasheet HTML 9Page - Linear Technology LTC4360ISC8-2TRMPBF Datasheet HTML 10Page - Linear Technology LTC4360ISC8-2TRMPBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LTC4360-1/LTC4360-2
7
436012f
APPLICATIONS INFORMATION
The GATE ramp rate is limited to 3V/ms. VOUT follows at
a similar rate which results in an inrush current into the
load capacitor COUT of:
IINRUSH = COUT •
dVGATE
dt
= COUT •3 mA/µF
[]
The servo loop is compensated by the parasitic capaci-
tance of the external MOSFET. No further compensation
components are normally required. In the case where
the parasitic capacitance is less than 100pF, a 100pF
compensation capacitor between GATE and ground may
be required.
An even slower GATE ramp and lower inrush current
can be achieved by connecting an external capacitor, CG,
from GATE to ground. The voltage at GATE then ramps
up with a slope equal to 10μA/CG [V/s]. Choose CG using
the formula:
CG =
10µA
IINRUSH
•COUT
Overvoltage
When power is first applied, VIN must remain below 5.7V
(VIN(OV) – ΔVOV) for more than 130ms before GATE is
ramped up to turn on the MOSFET. If VIN then rises above
5.8V (VIN(OV)), the overvoltage comparator activates the
30mA fast pull-down on GATE within 1μs. After an over-
voltage condition, the MOSFET is held off until VIN once
again remains below 5.7V for 130ms.
PWRGD Output
PWRGD is an active low output with a MOSFET pull-
down to ground and a 500k resistive pull-up to OUT. The
PWRGD pin pull-down releases during the low current
sleep mode (invoked by ON high), UVLO or overvolt-
age and the subsequent 130ms start-up delay. After the
start-up delay, GATE starts its slow ramp-up and control
of the PWRGD pull-down passes on to the GATE high
comparator. VGATE > VGATE(TH) for more than 65ms asserts
the PWRGD pull-down and VGATE < VGATE(TH) releases
the pull-down. The PWRGD pull-down is capable of sink-
ing up to 3mA of current allowing it to drive an optional
LED. To interface PWRGD to another I/O rail, connect a
resistor from PWRGD to the I/O rail with a resistance
low enough to override the internal 500k pull-up to OUT.
Figure 2 details PWRGD behavior for a LTC4360-1 with
1k pull-up to 5V at PWRGD.
ON Input (LTC4360-1)
ON is a CMOS compatible, active low enable input. It has
a default 5μA pull-down to ground. Connect this pin to
ground or leave open to enable normal device operation.
If it is driven high while the external MOSFET is turned on,
GATE is pulled low with a weak pull-down current (40μA)
to turn off the external MOSFET gradually, minimizing input
voltage transients. The LTC4360-1 then goes into a low cur-
rent sleep mode, drawing only 1.5μA at IN. When ON goes
back low, the part restarts with a 130ms delay cycle.
GATEP Control (LTC4360-2)
GATEP has a 2M resistive pull-down to ground and a 5.8V
Zener clamp in series with a 200k resistor to IN. It con-
trols the gate of an optional external P-channel MOSFET
to provide negative voltage protection. The 2M resistive
pull-down turns on the MOSFET once VIN – VGATEP is
more than the MOSFET gate threshold voltage. The IN to
GATEP Zener protects the MOSFET from gate overvoltage
by clamping its VGS to 5.8V when VIN goes high.
Figure 2. PWRGD Behavior
IN
OUT
GATE
ON
PWRGD
VGATE(TH)
VGATE(TH)
VIN(UVL)
VIN(OV)– VOV
START-UP
FROM UVLO
RESTART
FROM OV
OV
RESTART
FROM ON
ON
130ms
65ms
130ms
65ms
130ms
65ms
VIN(OV)
VGATE(TH)
VGATE(TH)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com