Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4360ISC8-2TRMPBF Datasheet(PDF) 11 Page - Linear Technology

Part # LTC4360ISC8-2TRMPBF
Description  Overvoltage Protection Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4360ISC8-2TRMPBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC4360ISC8-2TRMPBF Datasheet HTML 4Page - Linear Technology LTC4360ISC8-2TRMPBF Datasheet HTML 5Page - Linear Technology LTC4360ISC8-2TRMPBF Datasheet HTML 6Page - Linear Technology LTC4360ISC8-2TRMPBF Datasheet HTML 7Page - Linear Technology LTC4360ISC8-2TRMPBF Datasheet HTML 8Page - Linear Technology LTC4360ISC8-2TRMPBF Datasheet HTML 9Page - Linear Technology LTC4360ISC8-2TRMPBF Datasheet HTML 10Page - Linear Technology LTC4360ISC8-2TRMPBF Datasheet HTML 11Page - Linear Technology LTC4360ISC8-2TRMPBF Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
LTC4360-1/LTC4360-2
11
436012f
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
PACKAGE DESCRIPTION
SC8 Package
8-Lead Plastic SC70
(Reference LTC DWG # 05-08-1639 Rev Ø)
1.15 – 1.35
(NOTE 4)
1.80 – 2.40
0.15 – 0.27
8 PLCS (NOTE 3)
SC8 SC70 0905 REV Ø
1.80 – 2.20
(NOTE 4)
0.50 BSC
PIN 1
PIN 8
0.80 – 1.00
1.00 MAX
0.00 – 0.10
REF
NOTE:
1. DIMENSIONS ARE IN MILLIMETERS
2. DRAWING NOT TO SCALE
3. DIMENSIONS ARE INCLUSIVE OF PLATING
4. DIMENSIONS ARE EXCLUSIVE OF MOLD FLASH AND METAL BURR
5. MOLD FLASH SHALL NOT EXCEED 0.254mm
6. DETAILS OF THE PIN 1 IDENTIFIER ARE OPTIONAL,
BUT MUST BE LOCATED WITHIN THE INDEX AREA
7. EIAJ PACKAGE REFERENCE IS EIAJ SC-70 AND JEDEC MO-203 VARIATION BA
2.8 BSC
0.30
MAX
0.50
REF
RECOMMENDED SOLDER PAD LAYOUT
PER IPC CALCULATOR
1.8 REF
1.00 REF
INDEX AREA
(NOTE 6)
0.10 – 0.18
(NOTE 3)
0.26 – 0.46
GAUGE PLANE
0.15 BSC
0.10 – 0.40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com