Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4360ISC8-2TRMPBF Datasheet(PDF) 9 Page - Linear Technology

Part # LTC4360ISC8-2TRMPBF
Description  Overvoltage Protection Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4360ISC8-2TRMPBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC4360ISC8-2TRMPBF Datasheet HTML 4Page - Linear Technology LTC4360ISC8-2TRMPBF Datasheet HTML 5Page - Linear Technology LTC4360ISC8-2TRMPBF Datasheet HTML 6Page - Linear Technology LTC4360ISC8-2TRMPBF Datasheet HTML 7Page - Linear Technology LTC4360ISC8-2TRMPBF Datasheet HTML 8Page - Linear Technology LTC4360ISC8-2TRMPBF Datasheet HTML 9Page - Linear Technology LTC4360ISC8-2TRMPBF Datasheet HTML 10Page - Linear Technology LTC4360ISC8-2TRMPBF Datasheet HTML 11Page - Linear Technology LTC4360ISC8-2TRMPBF Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LTC4360-1/LTC4360-2
9
436012f
APPLICATIONS INFORMATION
Figure 6. 50V Hot-Plug into the LTC4360
Figure 7. Input Transient After Overvoltage
VIN
20V/DIV
VOUT
1V/DIV
ICABLE
5A/DIV
5μs/DIV
436012 F05
FDC5612
RIN = 150mΩ, LIN = 0.7μH
LOAD = 10Ω, COUT = 10μF
VADAPTOR/VOUT
5V/DIV
VIN
20V/DIV
ICABLE
5A/DIV
2μs/DIV
436012 F06
FIGURE 5 CIRCUIT
RIN = 150μΩ, LIN = 2μH
LOAD = 10Ω, COUT = 10μF
VADAPTOR
VOUT
As the IN pin can withstand up to 80V, a high voltage N-
channel MOSFET can be used to protect the system against
rugged abuse from high transient or DC voltages up to the
BVDSS of the MOSFET. Figure 6 shows a 50V input plugged
into the LTC4360 controlling a 60V rated MOSFET.
Input transients also occur when the current through the
cable inductance changes abruptly. This can happen when
the LTC4360 turns off the N-channel MOSFET rapidly in an
overvoltage event. Figure 7 shows the effects of a voltage
transient at the wall adaptor output VADAPTOR. The cur-
rent in LIN will cause VIN to overshoot and avalanche the
N-channel MOSFET to COUT. Typically, IN will be clamped
to a voltage of VOUT + 1.3•(BVDSS of Si1470DH) = 45V.
Figure 5. 20V Hot-Plug into the LTC4360
+
LOAD
LTC4360
M1
Si1470DH
GND
GATE
436012 F04a
MOBILE
DEVICE
WALL ADAPTOR
AC/DC
COUT
IN
OUT
LIN
RIN
CABLE
ICABLE
IN
OUT
VIN
10V/DIV
VOUT
1V/DIV
ICABLE
20A/DIV
5μs/DIV
436012 F04b
RIN = 150mΩ, LIN = 0.7μH
LOAD = 10Ω, COUT = 10μF
This is well below the 85V absolute maximum voltage
rating of the LTC4360. The single, nonrepetitive, pulse of
energy (EAS) absorbed by the MOSFET during this ava-
lanche breakdown with a peak current IAS is approximated
by the formula:
EAS = 0.5 • LIN • IAS2
For LIN = 2μH and IAS = 4A, then EAS = 16μJ. This is within
the IAS and EAS capabilities of most MOSFET’s including
the Si1470DH. So in most instances, the LTC4360 can
ride through such transients without a bypass capacitor,
transient voltage suppressor or other external components
at IN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com