Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4360ISC8-2TRMPBF Datasheet(PDF) 12 Page - Linear Technology

Part # LTC4360ISC8-2TRMPBF
Description  Overvoltage Protection Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4360ISC8-2TRMPBF Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC4360ISC8-2TRMPBF Datasheet HTML 4Page - Linear Technology LTC4360ISC8-2TRMPBF Datasheet HTML 5Page - Linear Technology LTC4360ISC8-2TRMPBF Datasheet HTML 6Page - Linear Technology LTC4360ISC8-2TRMPBF Datasheet HTML 7Page - Linear Technology LTC4360ISC8-2TRMPBF Datasheet HTML 8Page - Linear Technology LTC4360ISC8-2TRMPBF Datasheet HTML 9Page - Linear Technology LTC4360ISC8-2TRMPBF Datasheet HTML 10Page - Linear Technology LTC4360ISC8-2TRMPBF Datasheet HTML 11Page - Linear Technology LTC4360ISC8-2TRMPBF Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
LTC4360-1/LTC4360-2
12
436012f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2010
LT 0410 • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
5V System Protected from ±24V Power Supplies
GATE
VIO
5V
COUT
10μF
R1
1k
D1
LN1351CTR
Si3590DV
M2
M1
IN
436012 TA02
VOUT
5V
0.5A
VIN
5V
LTC4360-2
GATEP
OUT
PWRGD
GND
PART NUMBER
DESCRIPTION
COMMENTS
LTC2935
Ultralow Power Supervisor with Eight Pin-Selectable
Thresholds
500nA Quiescent Current, 2mm
× 2mm 8-Lead DFN and TSOT-23 Packages
LT3008
20mA, 45V, 3μA IQ Micropower LDO
280mV Dropout Voltage, Low IQ: 3μA, VIN = 2.0V to 45V, VOUT = 0.6V to 39.5V;
ThinSOT™ and 2mm
× 2mm DFN-6 Packages
LT3009
20mA, 3μA IQ Micropower LDO
280mV Dropout Voltage, Low IQ: 3μA, VIN = 1.6V to 20V, VOUT = 0.6V to 19.5V;
ThinSOT and SC-70 Packages
LTC3576/
LTC3576-1
Switching USB Power Manager with USB OTG + Triple
Step-Down DC/DCs
Complete Multifunction PMIC: Bi-Directional Switching Power Manager + 3
Bucks + LDO
LTC4090/
LTC4090-5
High Voltage USB Power Manager with Ideal Diode
Controller and High Efficiency Li-Ion Battery Charger
High Efficiency 1.2A Charger from 6V to 38V (60V Max) Input Charges Single
Cell Li-Ion Batteries Directly from a USB Port
LTC4098
USB-Compatible Switchmode Power Manager with
OVP
High VIN: 38V operating, 60V transient; 66V OVP. 1.5A Max Charge Current
from Wall, 600mA Charge Current from USB
LTC4210
Single Channel, Low Voltage Hot Swap™ Controller
Operates from 2.7V to 16.5V, Active Current Limiting, SOT23-6
LTC4213
No RSENSE™ Electronic Circuit Breaker
Controls Load Voltages from 0V to 6V. 3 Selectable Circuit Breaker Thresholds.
Dual Level Overcurrent Fault Protection
LT4356
Surge Stopper Overvoltage/Overcurrent Protection
Regulator
Wide Operation Range: 4V to 80V. Reverse Input Protection to –60V.
Adjustable Output Clamp Voltage
LTC4411
SOT-23 Ideal Diode
2.6A Forward Current, 28mV Regulated Forward Voltage
LTC4412
2.5V to 28V, Low Loss PowerPath™ Controller in
ThinSOT
More Efficient than Diode-ORing, Automatic Switching Between DC Sources,
Simplified Load Sharing
LTC4413-1/
LTC4413-2
Dual 2.6A, 2.5V to 5.5V Fast Ideal Diodes in
3mm
× 3mm DFN
130mΩ On Resistance, Low Reverse Leakage Current, 18mV Regulated
Forward Voltage (LTC4413-2 with Overvoltage Protection Sensor)
5V System Protected from ±24V Power
Supplies and Reverse Current
VIO
5V
COUT
10μF
R1
1k
D1
LN1351CTR
M2
Si1471DH
M1
M3
FDC6561AN
436012 TA03
VOUT
5V
0.5A
VIN
5V
GATE
IN
LTC4360-2
GATEP
OUT
PWRGD
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com