Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4360ISC8-2TRMPBF Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4360ISC8-2TRMPBF
Description  Overvoltage Protection Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4360ISC8-2TRMPBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4360ISC8-2TRMPBF Datasheet HTML 4Page - Linear Technology LTC4360ISC8-2TRMPBF Datasheet HTML 5Page - Linear Technology LTC4360ISC8-2TRMPBF Datasheet HTML 6Page - Linear Technology LTC4360ISC8-2TRMPBF Datasheet HTML 7Page - Linear Technology LTC4360ISC8-2TRMPBF Datasheet HTML 8Page - Linear Technology LTC4360ISC8-2TRMPBF Datasheet HTML 9Page - Linear Technology LTC4360ISC8-2TRMPBF Datasheet HTML 10Page - Linear Technology LTC4360ISC8-2TRMPBF Datasheet HTML 11Page - Linear Technology LTC4360ISC8-2TRMPBF Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LTC4360-1/LTC4360-2
8
436012f
APPLICATIONS INFORMATION
MOSFET Configurations and Selection
The LTC4360 can be used with various external MOSFET
configurations (see Figure 3). The simplest configuration is
a single N-channel MOSFET. It has the lowest RDS(ON) and
voltage drop and is thus the most power efficient solution.
When GATE is pulled to ground, the MOSFET can isolate
OUT from a positive voltage at IN up to the BVDSS of the
MOSFET. However, reverse current can still flow from OUT
to IN via the parasitic body diode of the MOSFET.
For near zero reverse leakage current protection when GATE
is pulled to ground, back-to-back N-channel MOSFETs can
beused.AddinganadditionalP-channelMOSFETcontrolled
by GATEP (LTC4360-2) provides negative input voltage
protection down to the BVDSS of the P-channel MOSFET.
Another configuration consists of a P-channel MOSFET
controlled by GATEP and a N-channel MOSFET controlled
by GATE. This provides protection against overvoltage and
negative voltage but not reverse current.
Input Transients
Figure 4 shows a typical setup when an AC wall adaptor
charges a mobile device. The inductor LIN represents the
lumped equivalent inductance of the cable and the EMI filter
found in some wall adaptors. RIN is the lumped equivalent
resistance of the cable, adaptor output capacitor ESR and
the connector contact resistance.
LIN and RIN form an LC tank circuit with any capacitance
at IN. If the wall adaptor is powered up first, plugging the
wall adaptor output to IN does the equivalent of applying
Figure 4. 20V Hot-Plug into a 10μF Capacitor
+
LOAD
436012 F04a
MOBILE
DEVICE
WALL ADAPTOR
AC/DC
COUT
IN
LIN
RIN
CABLE
ICABLE
VIN
10V/DIV
ICABLE
20A/DIV
5μs/DIV
436012 F04b
RIN = 150mΩ, LIN = 0.7μH
LOAD = 10Ω, COUT = 10μF
Figure 3. MOSFET Configurations
GATEP
SUPPLY
IN
OVERVOLTAGE, REVERSE
CURRENT PROTECTION
NEGATIVE
VOLTAGE
PROTECTION
GATE
OVERVOLTAGE, REVERSE
CURRENT PROTECTION
GATE
GATE
GATEP
436012 F03
OVERVOLTAGE
PROTECTION
OVERVOLTAGE
PROTECTION
NEGATIVE
VOLTAGE
PROTECTION
GATE
OUT
SUPPLY
IN
OUT
SUPPLY
IN
OUT
SUPPLY
IN
OUT
M1
M1
M3
M1
M2
M1
M2
M3
a voltage step to this LC circuit. The resultant voltage
overshoot at IN can rise to twice the DC output voltage
of the wall adaptor as shown in Figure 4. Figure 5 shows
the 20V adaptor output applied to the LTC4360. Due to
the low capacitance at the IN pin, the plug-in transient has
been brought down to a manageable level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com