Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS35L01 Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS35L01
Description  2.9 W Mono Class-D Audio Amplifier with Low Idle Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS35L01 Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS35L01 Datasheet HTML 13Page - Cirrus Logic CS35L01 Datasheet HTML 14Page - Cirrus Logic CS35L01 Datasheet HTML 15Page - Cirrus Logic CS35L01 Datasheet HTML 16Page - Cirrus Logic CS35L01 Datasheet HTML 17Page - Cirrus Logic CS35L01 Datasheet HTML 18Page - Cirrus Logic CS35L01 Datasheet HTML 19Page - Cirrus Logic CS35L01 Datasheet HTML 20Page - Cirrus Logic CS35L01 Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
CS35L01/03
DS909A2
17
ZIN = Input impedance of the device being used (See “Electrical Characteristics - SD Mode” on page 10,
“Electrical Characteristics - FSD Mode” on page 11, “Electrical Characteristics - HD Mode” on page 12, or
“Electrical Characteristics - FHD Mode” on page 13 for this value.)
ZEXT = Value of the resistor added in series with the inputs
AV = Original gain of the device being used (See “Electrical Characteristics - All Operational Modes” on
page 9 for this value.)
5.3
Output Filtering with the CS35L01/03
The CS35L01/03 is specifically designed to minimize radiated electromagnetic interference (EMI) signals.
All of the devices are capable of meeting all stated data sheet performance numbers with no special filtering
required. Additionally, the device has shown to be below the compliance limits of both FCC and CISPR test-
ing with no external filtering required.
Ultimately, compliance with any radiated emissions requirements depends significantly on the entire system
under test. In applications were system-level trade-offs such as compromised component layout or lengthy
speaker wires have increased emissions levels, a passive output filter can be added to the outputs of the
device in order to decrease EMI levels.
5.3.1
Reduced Filter Order with the CS35L01/03
In applications which require an output filter, the unique design of the CS35L01/03 allows a much smaller,
less expensive output filter to be used than what is normally found in Class-D amplifiers. In contrast to a
second order filter implemented with a series inductive element (traditional inductor or ferrite beads) and
a shunt capacitive element, basic filtering for the CS35L01/03 is accomplished by a single-order capaci-
tive element attached to the OUTx terminals. This is highlighted in Figure 5 below. Of course, if the system
requires more aggressive filtering, a ferrite bead can be added in series with the outputs to further atten-
uate system level noise.
5.3.2
Filter Component Selection
Usually, the need for output filtering is determined after the system under test has failed EMI testing. Dur-
ing this testing, problem frequencies are easily identified by the peaks which appear in the spectral plots
gathered in the EMI testing.
Selection of the filter components should ensure that shunt elements (i.e. CFILT in Figure 5) present a very
low impedance at the frequency corresponding to the tallest peak in the spectral plot. If needed, series
components such as ferrite beads (i.e. LFILT in Figure 5) should be chosen to present a very high imped-
ance at the frequency corresponding to the tallest peak in the spectral plot.
Careful attention should be paid to the current-carrying capabilities of any included ferrite beads and the
impedance of the ferrite beads in the audio band. A proper trade-off in ferrite bead selection is one that
CFILT
CFILT
Traditional 2nd Order Optional Filter
CS35L01/03’s Minimized Optional Filter
OUT+
OUT-
CFILT
CFILT
x
x
LFILT
LFILT
OUT+
OUT- x
x
Figure 5. Optional Output Filter Components



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com