Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS35L01 Datasheet(PDF) 32 Page - Cirrus Logic

Part # CS35L01
Description  2.9 W Mono Class-D Audio Amplifier with Low Idle Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS35L01 Datasheet(HTML) 32 Page - Cirrus Logic

Back Button CS35L01 Datasheet HTML 26Page - Cirrus Logic CS35L01 Datasheet HTML 27Page - Cirrus Logic CS35L01 Datasheet HTML 28Page - Cirrus Logic CS35L01 Datasheet HTML 29Page - Cirrus Logic CS35L01 Datasheet HTML 30Page - Cirrus Logic CS35L01 Datasheet HTML 31Page - Cirrus Logic CS35L01 Datasheet HTML 32Page - Cirrus Logic CS35L01 Datasheet HTML 33Page - Cirrus Logic CS35L01 Datasheet HTML 34Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
CS35L01/03
32
DS909A2
8.3.1
Determining Maximum Ambient Temperature
To determine (to a first order approximation) the maximum ambient temperature in which the CS35L01/03
will operate, the following equations can be used:
Where:
Tmax = The maximum ambient temperature in which the device can operate.
Top = The operating temperature of the device, given a dissipated power “Pmax” and a known thermal
impedance “
θJA”.
TTE = The Over-Temperature Error Threshold, given in the “Electrical Characteristics - All Operational
Modes” section on page 9.
θJA = The thermal impedance of the device and PCB. (This value is highly subjective to a number of ap-
plication specific scenarios. The numbers given in Table 2 on page 31 can be used for a first order ap-
proximation, but proper characterization of the application’s specific PCB and supporting mechanicals is
needed to increase the accuracy of the result achieved here.)
Pmax = The maximum power at which the amplifier will be operated continuously. (For conservative esti-
mates, the 10% THD+N rated power given in “Electrical Characteristics - SD Mode” section on page 10,
“Electrical Characteristics - FSD Mode” section on page 11, “Electrical Characteristics - HD Mode” section
on page 12, or “Electrical Characteristics - FHD Mode” section on page 13 can be used. However, this
method will predict higher operating temperatures than what may be seen in the application, since power
content of audio signals is much smaller than that of the sine wave used to establish the power specifica-
tions.)
η = The efficiency of the device at the power Pmax.
T
op
θ
JA
1
η
–
() P
×
max
()
×
=
T
max
T
TE
T
op
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com