Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS35L01 Datasheet(PDF) 23 Page - Cirrus Logic

Part # CS35L01
Description  2.9 W Mono Class-D Audio Amplifier with Low Idle Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS35L01 Datasheet(HTML) 23 Page - Cirrus Logic

Back Button CS35L01 Datasheet HTML 19Page - Cirrus Logic CS35L01 Datasheet HTML 20Page - Cirrus Logic CS35L01 Datasheet HTML 21Page - Cirrus Logic CS35L01 Datasheet HTML 22Page - Cirrus Logic CS35L01 Datasheet HTML 23Page - Cirrus Logic CS35L01 Datasheet HTML 24Page - Cirrus Logic CS35L01 Datasheet HTML 25Page - Cirrus Logic CS35L01 Datasheet HTML 26Page - Cirrus Logic CS35L01 Datasheet HTML 27Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
CS35L01/03
DS909A2
23
6.2
FSD Mode Typical Performance Plots
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
1m
2
2m
5m
10m
20m
50m
100m
200m
500m
1
W
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
1m
3
2m
5m
10m
20m
50m
100m
200m
500m
1
2
W
Figure 20. THD+N vs. Output Power - FSD Mode
RL =8 Ω
Figure 21. THD+N vs. Output Power - FSD Mode
RL =4 Ω
5.0 V
4.2 V
3.7 V
5.0 V
4.2 V
3.7 V
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
Figure 22. THD+N vs. Frequency - FSD Mode
VBATT = 5.0 V
Figure 23. THD+N vs. Frequency - FSD Mode
VBATT = 4.2 V
1.0 W
0.5 W
0.75 W
0.5 W
0.1 W
0.1 W
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
-4
+4
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
+0
+0.5
+1
+1.5
+2
+2.5
+3
+3.5
d
B
r
A
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
Figure 24. THD+N vs. Frequency - FSD Mode
VBATT = 3.7 V
Figure 25. Frequency Response - FSD Mode
0.625 W
0.1 W
0.5 W
4
Ω
8
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com