Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS35L01 Datasheet(PDF) 31 Page - Cirrus Logic

Part # CS35L01
Description  2.9 W Mono Class-D Audio Amplifier with Low Idle Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS35L01 Datasheet(HTML) 31 Page - Cirrus Logic

Back Button CS35L01 Datasheet HTML 26Page - Cirrus Logic CS35L01 Datasheet HTML 27Page - Cirrus Logic CS35L01 Datasheet HTML 28Page - Cirrus Logic CS35L01 Datasheet HTML 29Page - Cirrus Logic CS35L01 Datasheet HTML 30Page - Cirrus Logic CS35L01 Datasheet HTML 31Page - Cirrus Logic CS35L01 Datasheet HTML 32Page - Cirrus Logic CS35L01 Datasheet HTML 33Page - Cirrus Logic CS35L01 Datasheet HTML 34Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
CS35L01/03
DS909A2
31
8.2
Recommend PCB Footprint and Routing Configuration
To ensure high-yield manufacturability, the PCB footprint for the CS35L01/03 should be constructed with
strict adherence to the specifications given in IPC-610. Departure from this specification significantly in-
creases the probability of solder bridging and other manufacturing defects.
Routing of the traces into and out of the CS35L01/03 device should also be given consideration to avoid
manufacturing issues.
8.3
Package Thermal Performance
Class-D amplifiers, though highly efficient, will produce some amount of heat through the process of ampli-
fying the audio signal. As is well understood, this amount of heat is very small compared to traditional Class
AB amplifiers. Even so, as power levels increase and package sizes decrease, careful consideration must
be given to ensure thermal energy is removed from the device as efficiently as possible so that its operating
temperature is kept under its Over-Temperature Error Threshold.
The thermal impedance,
θJA is a measurement of the impedance to the flow of thermal energy out of the
device to the environment surrounding the device. This specification is directly related to the ability of the
PCB to which the CS35L01/03 is attached to transfer the heat from the device. The thermal impedance from
the junction of the device to the ambient surrounding the device and the thermal impedance from the device
into the PCB is shown in Table 2.
.
Table 2.
θJA Specification for Typical PCB Designs
Note:
20. Test Printed Circuit Board Assembly (PCBA) constructed in accordance with JEDEC standard
JESD51-9. Two signal, two plane (2s2p) PCB utilized.
21. Test conducted with still air in accordance with JEDEC standards JESD51, JESD51-2A, and
JESD51-8.
Parameter
(Note 20), (Note 21)
Symbol
Min
Typical
Max
Units
Junction to Ambient Thermal Impedance
θA
-92-
°C/Watt
Junction to Printed Circuit Board Thermal Impedance
θPCB
-67-
°C/Watt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com