Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS35L01 Datasheet(PDF) 28 Page - Cirrus Logic

Part # CS35L01
Description  2.9 W Mono Class-D Audio Amplifier with Low Idle Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS35L01 Datasheet(HTML) 28 Page - Cirrus Logic

Back Button CS35L01 Datasheet HTML 24Page - Cirrus Logic CS35L01 Datasheet HTML 25Page - Cirrus Logic CS35L01 Datasheet HTML 26Page - Cirrus Logic CS35L01 Datasheet HTML 27Page - Cirrus Logic CS35L01 Datasheet HTML 28Page - Cirrus Logic CS35L01 Datasheet HTML 29Page - Cirrus Logic CS35L01 Datasheet HTML 30Page - Cirrus Logic CS35L01 Datasheet HTML 31Page - Cirrus Logic CS35L01 Datasheet HTML 32Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
CS35L01/03
28
DS909A2
Note:
18. “Idle Current Draw vs. VBATT - FHD Mode” capacitor values refer to CFILT when configured as the
“CS35L01/03’s Minimized Optional Output Filtering” shown in Figure 5 on page 17. When VBATT is
below “VBATT Limit for HD/FHD Mode” (VBLIM), operation is restricted to SD Mode.
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
4.00
2.5
3
3.5
4
4.5
5
5.5
VBATT (V)
Figure 50. Idle Current Draw vs. VBATT - FHD Mode
RL =8 Ω +33 μH (Note 18)
Figure 51. Output Power vs. VBATT - FHD Mode
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VBATT Supply Voltage (V)
RL = 8 Ω
1% THD+N Ratio
RL = 8 Ω
10% THD+N Ratio
RL = 4 Ω
1% THD+N Ratio
RL = 4 Ω
10% THD+N Ratio
470 pF
No Filter
1000 pF
2200 pF
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
0
0.25
0.5
0.75
1
1.25
1.5
1.75
Output Power (W)
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
0
0.5
1
1.5
2
2.5
3
Output Power (W)
Figure 52. Efficiency vs. Output Power - FHD Mode
RL =8 Ω +33 μH
Figure 53. Efficiency vs. Output Power - FHD Mode
RL =4 Ω +33 μH
4.2 V
3.7 V
4.2 V
3.7 V
5.0 V
5.0 V
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0
0.25
0.5
0.75
1
1.25
1.5
1.75
Output Power (W)
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0
0.5
1
1.5
2
2.5
3
Output Power (W)
Figure 54. Supply Current vs. Output Power - FHD Mode
RL =8 Ω +33 μH
Figure 55. Supply Current vs. Output Power - FHD Mode
RL =4 Ω +33 μH
5.0 V
4.2 V
3.7 V
5.0 V
4.2 V
3.7 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com