Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS35L03 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS35L03
Description  2.9 W Mono Class-D Audio Amplifier with Low Idle Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS35L03 Datasheet(HTML) 5 Page - Cirrus Logic

  CS35L03 Datasheet HTML 1Page - Cirrus Logic CS35L03 Datasheet HTML 2Page - Cirrus Logic CS35L03 Datasheet HTML 3Page - Cirrus Logic CS35L03 Datasheet HTML 4Page - Cirrus Logic CS35L03 Datasheet HTML 5Page - Cirrus Logic CS35L03 Datasheet HTML 6Page - Cirrus Logic CS35L03 Datasheet HTML 7Page - Cirrus Logic CS35L03 Datasheet HTML 8Page - Cirrus Logic CS35L03 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
CS35L01/03
DS909A2
5
1. BALL DESCRIPTIONS FOR CS35L01 & CS35L03
Ball Name
#
Description
IN+
A1
Positive Analog Input
(Input) - Differential positive audio signal input.
MODE
A2
Switching Mode
(Input) - Controls the output switching modes of the CS35L01/03.
OUT-
A3
Negative PWM Output
(Output) - Differential negative PWM output.
LFILT+
B1
Low Drop Out Regulator Filter
(Output) - Bypass capacitor connection point for internal LDO. Con-
necting this net to VBATT places the device into SD mode.
VBATT
B2
Positive Analog Power Supply
(Input) - Positive power supply input.
GND
B3
Ground
(Input) - Power supply ground.
IN-
C1
Negative Analog Input
(Input) - Differential negative audio signal input.
SD
C2
Shutdown
(Input) - Pulling this net low places the CS35L01/03 in shutdown.
OUT+
C3
Positive PWM Output
(Output) - Differential Positive PWM output.
A1
IN+
A2
MODE
A3
OUT-
B1
LFILT +
B2
VBATT
B3
GND
C1
IN-
C2
SD
C3
OUT+
Figure 1. Top View of WLCSP Pinout
(Looking down through die)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com