Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS35L03 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS35L03
Description  2.9 W Mono Class-D Audio Amplifier with Low Idle Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS35L03 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS35L03 Datasheet HTML 9Page - Cirrus Logic CS35L03 Datasheet HTML 10Page - Cirrus Logic CS35L03 Datasheet HTML 11Page - Cirrus Logic CS35L03 Datasheet HTML 12Page - Cirrus Logic CS35L03 Datasheet HTML 13Page - Cirrus Logic CS35L03 Datasheet HTML 14Page - Cirrus Logic CS35L03 Datasheet HTML 15Page - Cirrus Logic CS35L03 Datasheet HTML 16Page - Cirrus Logic CS35L03 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
CS35L01/03
DS909A2
13
ELECTRICAL CHARACTERISTICS - FHD MODE
Note:
12. SNRA dB is referenced to the output signal amplitude resulting in the specified output power at
THD+N <1%. See “Parameter Definitions” on page 29 for more information.
13. Idle Current Draw (IIDLE) is specified without any output filtering. Refer to Section 5.3 on page 17 for
information on output filtering. At idle, the output devices will switch at the same rate in HD and FHD
mode. FHD only changes the output switching frequency when the input levels are above the “Input
Level for Entering VBATT Operation in HD/FHD Modes (VIN-VBATT) given in “Electrical Characteristics
- All Operational Modes” on page 9.
Parameters
Symbol
Test Conditions
Min
Typ
Max Units
Output Power
(Continuous Average)
PO
THD+N = 1%
RL = 8 Ω (VBATT = 5.0/4.2/3.7 VDC)
RL = 4 Ω (VBATT = 5.0/4.2/3.7 VDC)
-
-
1.31/0.92/0.71
2.20/1.55/1.51
-
-
W
W
THD+N = 10%
RL = 8 Ω (VBATT = 5.0/4.2/3.7 VDC)
RL = 4 Ω (VBATT = 5.0/4.2/3.7 VDC)
-
-
1.67/1.17/0.91
2.83/1.97/1.51
-
-
W
W
Total Harmonic Distortion + Noise THD+N PO = 1.0 W
-
0.15
-
%
Power Supply Rejection Ratio
PSRR
Vripple = 200 mVPP, AINx AC coupled to GND
@ 217 Hz
@ 1 kHz
-
-
75
75
-
-
dB
dB
Common-Mode Rejection Ratio
CMRR Vripple =1VPP, fripple = 217 Hz
-55
-
dB
Signal to Noise Ratio
A-Weighted
SNRA
Inputs AC Coupled to Ground,
Referenced to 1% THD+N
(Note 12)
CS35L03
CS35L01
-
-
93
94
-
-
dB
dB
Idle Channel Noise
A-Weighted
ICNA
AIN+ connected to AIN-
CS35L03
CS35L01
-
-
71
66
-
-
μVrms
μVrms
Idle Channel Noise
ICN
AIN+ connected to AIN-
CS35L03
CS35L01
-
-
125
125
-
-
μVrms
μVrms
Frequency Response
FR
20 Hz to 20 kHz
-4.0
0
0.5
dB
Output Switching Frequency
fsw1
LDO Operation
-
192
-
kHz
Output Switching Frequency
fsw2
VBATT Operation
-
76
-
kHz
Idle Current Draw
(Note 13)
IIDLE
AIN+ connected AIN-, No Output Load
VBATT = 5 VDC
VBATT = 4.2 VDC
VBATT = 3.7 VDC
-
-
-
0.94
0.94
0.94
-
-
-
mA
mA
mA
Input Impedance, Single Ended
ZIN
CS35L03
CS35L01
-
-
160
240
-
-
k
Ω
k
Ω
Input Voltage @ 1 % THD+N
VICLIP
RL = 8 Ω (VBATT = 5.0/4.2/3.7 VDC)
CS35L03
CS35L01
-
-
0.83/0.70/0.61
1.66/1.39/1.22
-
-
Vrms
Vrms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com