Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS35L03 Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS35L03
Description  2.9 W Mono Class-D Audio Amplifier with Low Idle Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS35L03 Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS35L03 Datasheet HTML 16Page - Cirrus Logic CS35L03 Datasheet HTML 17Page - Cirrus Logic CS35L03 Datasheet HTML 18Page - Cirrus Logic CS35L03 Datasheet HTML 19Page - Cirrus Logic CS35L03 Datasheet HTML 20Page - Cirrus Logic CS35L03 Datasheet HTML 21Page - Cirrus Logic CS35L03 Datasheet HTML 22Page - Cirrus Logic CS35L03 Datasheet HTML 23Page - Cirrus Logic CS35L03 Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
CS35L01/03
20
DS909A2
5.4.2
Recommended Power-Down Sequence
1. Mute the audio supplied to the CS35L01/03.
2. Pull the SD pin low in order to reset the device and put it into the low power mode.
3. The power supply to the CS35L01/03 can now be removed.
5.5
Over Temperature Protection
The CS35L01/03 is internally protected against thermal overload. Built in die temperature sensing circuitry
monitors the die temperature and will place the device into shut-down if thermal overload occurs. A ther-
mal overload is characterized by the die temperature reaching the Thermal Error Threshold (TTE) at which
time the outputs will tristate and shut down.
If the device has entered into shut-down due to a thermal overload, the die temperature must remain be-
low the Thermal Error Threshold (TTE) for the time specified by the Thermal Error Retry Time (RTE) in
order for the device to automatically return to normal operation.
Both TTE and RTE are specified in “Electrical Characteristics - All Operational Modes” on page 9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com