Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS35L03 Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS35L03
Description  2.9 W Mono Class-D Audio Amplifier with Low Idle Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS35L03 Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS35L03 Datasheet HTML 4Page - Cirrus Logic CS35L03 Datasheet HTML 5Page - Cirrus Logic CS35L03 Datasheet HTML 6Page - Cirrus Logic CS35L03 Datasheet HTML 7Page - Cirrus Logic CS35L03 Datasheet HTML 8Page - Cirrus Logic CS35L03 Datasheet HTML 9Page - Cirrus Logic CS35L03 Datasheet HTML 10Page - Cirrus Logic CS35L03 Datasheet HTML 11Page - Cirrus Logic CS35L03 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
CS35L01/03
8
DS909A2
4. CHARACTERISTICS & SPECIFICATIONS
Test Conditions (unless otherwise specified): GND = 0 V; All voltages with respect to ground; Input Signal = 997 Hz
Differential Sine; TA = 25°C; VBATT = 5 V; RL =8 Ω; 10 Hz to 20 kHz Measurement Bandwidth; Measurements tak-
en with AES17 measurement filter and Audio Precision AUX-0025 passive filter.
RECOMMENDED OPERATING CONDITIONS
GND = 0 V; All voltages with respect to ground. Please see (Note 4).
ABSOLUTE MAXIMUM RATINGS
GND = 0 V; All voltages with respect to ground.
WARNING:
Operation at or beyond these limits may result in permanent damage to the device.
Notes:
4. Functionality is not guaranteed or implied outside of these limits. Operation outside of these limits may
adversely affect device reliability.
5. No external loads should be connected to the LFILT+ net. Any connection of a load to this point may
result in errant operation or performance degradation in the device.
Parameters
Symbol
Min
Typ
Max
Units
DC Power Supply
Supply Voltage
VBATT
2.5
5.0
5.5
V
Temperature
Ambient Temperature
TA
-10
-
+70
°C
Junction Temperature
TJ
-10
-
+150
°C
Parameters
Symbol
Min
Max
Units
DC Power Supply
Supply Voltage
VBATT
-0.3
6.0
V
LFILT+ Current
(Note 5)
IVDREG
10
μA
Inputs
Input Current
Iin
-±10
mA
Temperature
Ambient Operating Temperature (power applied)
TA
-20
+125
°C
Storage Temperature
Tstg
-65
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com