Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS35L03 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS35L03
Description  2.9 W Mono Class-D Audio Amplifier with Low Idle Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS35L03 Datasheet(HTML) 1 Page - Cirrus Logic

  CS35L03 Datasheet HTML 1Page - Cirrus Logic CS35L03 Datasheet HTML 2Page - Cirrus Logic CS35L03 Datasheet HTML 3Page - Cirrus Logic CS35L03 Datasheet HTML 4Page - Cirrus Logic CS35L03 Datasheet HTML 5Page - Cirrus Logic CS35L03 Datasheet HTML 6Page - Cirrus Logic CS35L03 Datasheet HTML 7Page - Cirrus Logic CS35L03 Datasheet HTML 8Page - Cirrus Logic CS35L03 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
Copyright
 Cirrus Logic, Inc. 2010
(All Rights Reserved)
http://www.cirrus.com
Advance Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
Gate Drivers
Class-H
Controller
Advanced ΔΣ
Modulator
Gate Drivers
Internal
Oscillator
Gain
Gain
Audio In +
Audio In -
Shutdown
Speaker Out +
Speaker Out -
GND
VBATT
2.5V - 5V
LDO Filter
Short Circuit/Thermal
Protection
MODE
Low Drop-Out
Voltage Regulator
2.9 W Mono Class-D Audio Amplifier with Low Idle Current
CS35L01 & CS35L03 Features
Filterless Hybrid Class-D Architecture
– <1 mA Quiescent Current
– 1 x 2.9 W into 4
Ω (10% THD+N)
– 1 x 2.3 W into 4
Ω (1% THD+N)
– 1 x 1.7 W into 8
Ω (10% THD+N)
– 1 x 1.4 W into 8
Ω (1% THD+N)
Advanced
ΔΣ Closed-loop Modulation
– 98 dB Signal-to-Noise Ratio (A-Weighted)
– 0.02% THD+N @ 1 W (SD & HD Mode)
Integrated Protection and Automatic Recovery
for Output Short-circuit and Thermal Overload
Pin-compatible 9-ball WLCSP family for easy
upgrade path
– CS35L01: +6 dB default Gain
– CS35L03: +12 dB default Gain
Pop and Click Suppression
Common Applications
Mobile Phones
Laptops/Netbooks
Portable Navigation Devices
Active Speakers
Portable Gaming
General Description
The CS35L01 and the CS35L03 are 2.9W high efficien-
cy Hybrid Class-D audio amplifiers with low idle current
consumption.
The CS35L01/03 features an advanced closed-loop ar-
chitecture to provide 0.02% THD+N at 1 W and -75 dB
PSRR at 217 Hz.
A flexible Hybrid Class-D output stage offers four
modes of operation: Standard Class-D (SD) mode of-
fers full audio bandwidth and high audio performance;
Hybrid Class-D (HD) mode offers a substantial reduc-
tion in idle power consumption with an integrated Class-
H controller; Reduced Frequency Class-D (FSD) mode
reduces the output switching frequency, producing low-
er electromagnetic interference (EMI); and Reduced
Frequency Hybrid Class-D (FHD) mode produces both
the lower idle power consumption of HD mode and the
reduced EMI benefits of FSD mode.
Requiring minimal external components and PCB
space, the CS35L01 and CS35L03 are available in a
1.2 mm x 1.2 mm, 9-ball WLCSP package in Commer-
cial grade (-10°C to +70°C). Please see “Ordering
Information” on page 33 for package options and gain
configurations.
CS35L01/03
APR '10
DS909A2


Similar Part No. - CS35L03

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS35L00 CIRRUS-CS35L00 Datasheet
509Kb / 34P
2.7 W Mono Class-D Audio Amplifier with Low Idle Current
CS35L00 CIRRUS-CS35L00 Datasheet
761Kb / 34P
2.8 W Mono Class-D Audio Amplifier with Low Idle Current
CS35L00-CNZ CIRRUS-CS35L00-CNZ Datasheet
509Kb / 34P
2.7 W Mono Class-D Audio Amplifier with Low Idle Current
CS35L00-CNZ CIRRUS-CS35L00-CNZ Datasheet
761Kb / 34P
2.8 W Mono Class-D Audio Amplifier with Low Idle Current
CS35L00-CNZR CIRRUS-CS35L00-CNZR Datasheet
509Kb / 34P
2.7 W Mono Class-D Audio Amplifier with Low Idle Current
More results

Similar Description - CS35L03

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA58672 PHILIPS-SA58672 Datasheet
184Kb / 27P
3.0 W mono class-D audio amplifier
Rev. 02-23 February 2009
logo
Texas Instruments
TPA2051D3 TI-TPA2051D3 Datasheet
1Mb / 33P
2.9 W/Channel Mono Class-D Audio Subsystem with DirectPath??Headphone Amplifier & SpeakerGuard?
logo
Cirrus Logic
CS35L00 CIRRUS-CS35L00 Datasheet
509Kb / 34P
2.7 W Mono Class-D Audio Amplifier with Low Idle Current
logo
NXP Semiconductors
SA58672 NXP-SA58672 Datasheet
192Kb / 27P
3.0 W mono class-D audio amplifier
Rev. 04-8 June 2009
SA58672 PHILIPS-SA58672_15 Datasheet
192Kb / 27P
3.0 W mono class-D audio amplifier
Rev. 04-8 June 2009
logo
Cirrus Logic
CS35L00 CIRRUS-CS35L00_11 Datasheet
761Kb / 34P
2.8 W Mono Class-D Audio Amplifier with Low Idle Current
logo
List of Unclassifed Man...
NAU82011WG ETC2-NAU82011WG Datasheet
563Kb / 16P
2.9 W Mono Filter-Free Class-D Audio Amplifier
logo
Analog Devices
SSM4321 AD-SSM4321 Datasheet
459Kb / 24P
Mono 2.9 W Class-D Audio Amplifier
10/12-Revision 0
logo
Nuvoton Technology Corp...
NAU82011WG NUVOTON-NAU82011WG Datasheet
563Kb / 16P
2.9 W Mono Filter-Free Class-D Audio Amplifier
NAU82011YG NUVOTON-NAU82011YG Datasheet
469Kb / 22P
2.9 W Mono Filter-Free Class-D Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com