Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5281IPFPR Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5281IPFPR
Description  12-Bit Octal-Channel ADC Family Up to 65MSPS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5281IPFPR Datasheet(HTML) 31 Page - Texas Instruments

Back Button ADS5281IPFPR Datasheet HTML 27Page - Texas Instruments ADS5281IPFPR Datasheet HTML 28Page - Texas Instruments ADS5281IPFPR Datasheet HTML 29Page - Texas Instruments ADS5281IPFPR Datasheet HTML 30Page - Texas Instruments ADS5281IPFPR Datasheet HTML 31Page - Texas Instruments ADS5281IPFPR Datasheet HTML 32Page - Texas Instruments ADS5281IPFPR Datasheet HTML 33Page - Texas Instruments ADS5281IPFPR Datasheet HTML 34Page - Texas Instruments ADS5281IPFPR Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
www.ti.com
5nHto9nH(TQFP-80)
2nHto3nH(QFN-64)
1.5pF
to2.4pF
IN
OUT
IN
P
1.5pFto
2.5pF
1
W
1000
W
to1440
W
5
W
to10
W
1000
W
to1440
W
5nHto9nH(TQFP-80)
2nHto3nH(QFN-64)
IN
N
1.5pFto
2.5pF
1
W
15
W
to25
W
15
W
to30
W
0.2pF
to0.3pF
IN
OUT
1.5pF
to2.4pF
IN
OUT
5
W
to10
W
15
W
to25
W
15
W
to30
W
IN
OUT
IN
OUT
16
to32
W
W
IN
OUT
IN
OUT
OUT
P
OUT
N
SwitchesthatareON
inSAMPLEphase.
SwitchesthatareON
inHOLDphase.
Input Common-Mode Current
(2mA)
f
´
S
50MSPS
(3)
CMBuffer
Internal
Voltage
Reference
Input
Circuitry
IN
P
IN
N
V
CM
1.2k
W
1.2k
W
ADS528x
ADS5281
ADS5282
SBAS397H – DECEMBER 2006 – REVISED MARCH 2008
Figure 34. Analog Input Circuit Model
during ac-coupling by increasing VCM by roughly
75mV.
When
operating
above
50MSPS,
it
is
recommended that additional parallel resistors be
The input stage of all eight ADCs together sinks a
added externally to restore the input common-mode
common-mode current on the order of 2mA at
to at least 1.4V, if the inputs are to be ac-coupled.
50MSPS. Equation 3 describes the dependency of
the
common-mode
current
and
the
sampling
frequency.
If the driving stage is dc-coupled to the inputs, then
Equation
3
can
be
used
to
determine
its
common-mode drive capability and impedance. The
inputs can also be ac-coupled to the INN and INP
pins. In that case, the input common-mode is set by
two internal 1.2k
Ω resistors connecting the input pins
to VCM. This architecture is shown in Figure 35.
When the inputs are ac-coupled, there is a drop in
the voltages at INP and INN relative to VCM. This can
Dashed area denotes one of eight channels.
be computed from Equation 3. At 50MSPS, for
Figure 35. Common-Mode Biasing of Input Pins
example, the drop at each of the 16 input pins is
150mV, which is not optimal for ADC operation.
Initialization Registers 1 and 5, described in the
Initialization Registers table, can be used to partially
reduce the effect of this input common-mode drop
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Link(s): ADS5281 ADS5282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com